Electronic Components Datasheet Search
  English  ▼

X  

LTC5507 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC5507
Description  100kHz to 1GHz RF Power Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5507 Datasheet(HTML) 5 Page - Linear Technology

  LTC5507 Datasheet HTML 1Page - Linear Technology LTC5507 Datasheet HTML 2Page - Linear Technology LTC5507 Datasheet HTML 3Page - Linear Technology LTC5507 Datasheet HTML 4Page - Linear Technology LTC5507 Datasheet HTML 5Page - Linear Technology LTC5507 Datasheet HTML 6Page - Linear Technology LTC5507 Datasheet HTML 7Page - Linear Technology LTC5507 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LTC5507
5
5507f
APPLICATIO S I FOR ATIO
Operation
The LTC5507 integrates several functions to provide RF
power detection over frequencies up to 1000MHz. These
functions include an internally compensated buffer ampli-
fier, an RF Schottky diode peak detector and level shift
amplifier to convert the RF signal to DC, a delay circuit to
avoid voltage transients at VOUT when coming out of shut-
down, and a gain compression circuit to extend the
detector dynamic range.
Buffer Amplifier
The buffer amplifier has a gain of two and is capable of
driving a 2mA load. The buffer amplifier typically has an
output voltage range of 0.25V to VCC – 0.1V.
RF Detector
The internal RF Schottky diode peak detector and level
shift amplifier converts the RF input signal to a low
frequency signal. The frequency range of the RF pin is
typically up to 1000MHz. The detector demonstrates ex-
cellent operation over a wide range of input power. The
Schottky detector is biased at about 70
µA. The hold
capacitor is external.
Gain Compression
The gain compression circuit changes the feedback ratio
as the RF peak-detected input voltage increases above
60mV. Below 60mV, the DC voltage gain from the peak
detector to the buffer output is 4. Above 140mV, the DC
voltage gain is reduced to 0.75. The compression expands
the low power detector range due to higher gain.
Modes of Operation
MODE
SHDN
OPERATION
Shutdown
Low
Disabled
Enable
High
Power Detect
Applications
The LTC5507 can be used as a self-standing signal strength
measuring receiver for a wide range of input signals from
–34dBm to 14dBm for frequencies up to 1000MHz.
The LTC5507 can be used as a demodulator for AM and
ASK modulated signals with data rates up to 1.5MHz.
Depending on specific application needs, the RSSI output
can be split into two branches, providing AC-coupled data
(or audio) output and DC-coupled, RSSI output for signal
strength measurements and AGC.
C1, C2 Capacitor Selection (Refer to Figure 3)
C1 couples the RF input signal to the detector input RFIN
which is referenced to VCC. C2 is the peak detector
capacitor connected between PCAP and VCC. The value of
C2 will affect the slew rate and bandwidth. Typically C1 can
equal C2. Ceramic capacitors are recommended for C1
and C2. The values for C1 and C2 are dependent on the
operating RF frequency. The capacitive reactance should
be less than 5
Ω to minimize ripple on C2.
C2(
µF) ≥ 1/(30 • f) where f is the lowest RF input
frequency (MHz)
C1 = C2
In general, select C1 and C2 large enough to pass the
lowest expected RF signal frequency, as described by the
above formulas. But optimize C1 and C2, subject to this
constraint, to improve output slew rate and bandwidth,
and to enable good AC performance for the highest
expected RF signal frequency.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com