Electronic Components Datasheet Search
  English  ▼

X  

LTC6087 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6087
Description  Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6087 Datasheet(HTML) 3 Page - Linear Technology

  LTC6087 Datasheet HTML 1Page - Linear Technology LTC6087 Datasheet HTML 2Page - Linear Technology LTC6087 Datasheet HTML 3Page - Linear Technology LTC6087 Datasheet HTML 4Page - Linear Technology LTC6087 Datasheet HTML 5Page - Linear Technology LTC6087 Datasheet HTML 6Page - Linear Technology LTC6087 Datasheet HTML 7Page - Linear Technology LTC6087 Datasheet HTML 8Page - Linear Technology LTC6087 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC6087/LTC6088
3
60878fb
ORDER INFORMATION
The
l denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 3V, V– = 0V, VCM = 0.5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
C SUFFIX
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Offset Voltage (Note 5)
LTC6087MS8, LTC6088GN
LTC6087DD, LTC6088DHC
LTC6087MS8, LTC6088GN
LTC6087DD, LTC6088DHC
l
l
±330
±330
±750
±1100
±900
±1350
±330
±330
±750
±1100
±1100
±1600
μV
μV
μV
μV
ΔVOS/ΔT Input Offset Voltage Drift (Note 6)
LTC6087MS8, LTC6088GN
LTC6087DD, LTC6088DHC
l
l
±2
±2
±5
±5
±2
±2
±5
±5
μV/°C
μV/°C
IB
Input Bias Current (Notes 5, 7)
Guaranteed by 5V Test
●
1
40
1
500
pA
pA
IOS
Input Offset Current (Notes 5, 7)
Guaranteed by 5V Test
●
0.5
30
0.5
150
pA
pA
en
Input Noise Voltage Density
f = 1kHz
f = 10kHz
12
10
12
10
nV/√Hz
nV/√Hz
Input Noise Voltage
0.1Hz to 10Hz
2.5
2.5
μVP-P
in
Input Noise Current Density (Note 8)
f = 1Hz
0.56
0.56
fA/√Hz
Input Common Mode Range
●
V–
V+
V–
V+
V
CIN
Input Capacitance
Differential Mode
Common Mode
f = 100kHz
2.7
4.2
2.7
4.2
pF
pF
CMRR
Common Mode Rejection Ratio
0V ≤ VCM ≤ 3V
●
64
63
80
64
61
80
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 5.5V
●
93
90
115
93
85
115
dB
dB
VOUT
Output Voltage, High (Referred to V+)
No Load
ISOURCE = 1mA
ISOURCE = 5mA
●
●
●
5
25
120
15
50
210
5
25
120
20
50
230
mV
mV
mV
Output Voltage, Low (Referred to V–)
No Load
ISINK = 1mA
ISINK = 5mA
●
●
●
5
25
120
25
50
210
5
25
120
30
60
240
mV
mV
mV
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6087CDD#PBF
LTC6087HDD#PBF
LTC6087CMS8#PBF
LTC6087HMS8#PBF
LTC6088CDHC#PBF
LTC6088HDHC#PBF
LTC6088CGN#PBF
LTC6088HGN#PBF
LTC6087CDD#TRPBF
LTC6087HDD#TRPBF
LTC6087CMS8#TRPBF
LTC6087HMS8#TRPBF
LTC6088CDHC#TRPBF
LTC6088HDHC#TRPBF
LTC6088CGN#TRPBF
LTC6088HGN#TRPBF
LCTX
LCTX
LTCTY
LTCTY
6088
6088
6088
6088H
10-Lead (3mm
× 3mm) Plastic DFN
10-Lead (3mm
× 3mm) Plastic DFN
8-Lead Plastic MSOP
8-Lead Plastic MSOP
16-Lead (5mm
× 3mm) Plastic DFN
16-Lead (5mm
× 3mm) Plastic DFN
16-Lead Plastic SSOP
16-Lead Plastic SSOP
–40°C to 85°C
–40°C to 125°C
–40°C to 85°C
–40°C to 125°C
–40°C to 85°C
–40°C to 125°C
–40°C to 85°C
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com