Electronic Components Datasheet Search
  English  ▼

X  

LTC6087 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6087
Description  Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6087 Datasheet(HTML) 4 Page - Linear Technology

  LTC6087 Datasheet HTML 1Page - Linear Technology LTC6087 Datasheet HTML 2Page - Linear Technology LTC6087 Datasheet HTML 3Page - Linear Technology LTC6087 Datasheet HTML 4Page - Linear Technology LTC6087 Datasheet HTML 5Page - Linear Technology LTC6087 Datasheet HTML 6Page - Linear Technology LTC6087 Datasheet HTML 7Page - Linear Technology LTC6087 Datasheet HTML 8Page - Linear Technology LTC6087 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6087/LTC6088
4
60878fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 3V, V– = 0V, VCM = 0.5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
C SUFFIX
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AVOL
Large-Signal Voltage Gain
RLOAD = 10k, 0.5V ≤ VOUT ≤ 2.5V
●
500
300
3000
500
30
3000
V/mV
V/mV
ISC
Output Short-Circuit Current
Source and Sink
●
25
21
35
25
18
35
mA
mA
SR
Slew Rate
AV = 1
7.2
7.2
V/μs
GBW
Gain Bandwidth Product (fTEST = 20kHz) RLOAD = 50k
●
10
9
14
10
8
14
MHz
MHz
Φ0
Phase Margin
RL = 10k, CL = 45pF, AV = 1
45
45
Deg
tS
Settling Time 0.1%
VSTEP = 2V, AV = –1, RL = 1k
1
1
μs
IS
Supply Current (per Amplifier)
No Load
●
1.05
1.05
1.20
1.25
1.05
1.05
1.20
1.35
mA
mA
Shutdown Current (per Amplifier)
Shutdown, VSHDNx ≤ 0.8V
●
0.2
1
0.2
1
μA
VS
Supply Voltage Range
Guaranteed by the PSRR Test
●
2.7
5.5
2.7
5.5
V
Channel Separation
fS = 10kHz
–120
–120
dB
Shutdown Logic
SHDNx High
SHDNx Low
●
●
2
0.8
2
0.8
V
V
tON
Turn-On Time
VSHDNx = 0.8V to 2V
6
6
μs
tOFF
Turn-Off Time
VSHDNx = 2V to 0.8V
2
2
μs
Leakage of SHDN Pin
VSHDNx = 0V
●
0.1
0.5
0.1
0.5
μA
The
l denotes the specifications which apply over the full specified temperature range, otherwise specifications are at TA = 25°C.
Test conditions are V+ = 5V, V– = 0V, VCM = 0.5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
C SUFFIX
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Offset Voltage (Note 5)
LTC6087MS8, LTC6088GN
LTC6087DD, LTC6088DHC
LTC6087MS8, LTC6088GN
LTC6087DD, LTC6088DHC
l
l
±330
±330
±750
±1100
±900
±1350
±330
±330
±750
±1100
±1100
±1600
μV
μV
μV
μV
ΔVOS/ΔT Input Offset Voltage Drift (Note 6)
LTC6087MS8, LTC6088GN
LTC6087DD, LTC6088DHC
l
l
±2
±2
±5
±5
±2
±2
±5
±5
μV/°C
μV/°C
IB
Input Bias Current (Notes 5, 7)
●
1
40
1
500
pA
pA
IOS
Input Offset Current (Notes 5, 7)
●
0.5
30
0.5
150
pA
pA
en
Input Noise Voltage Density
f = 1kHz
f = 10kHz
12
10
12
10
nV/√Hz
nV/√Hz
Input Noise Voltage
0.1Hz to 10Hz
2.5
2.5
μVP-P
in
Input Noise Current Density (Note 8)
f = 1Hz
0.56
0.56
fA/√Hz
Input Common Mode Range
●
V–
V+
V–
V+
V
CIN
Input Capacitance
Differential Mode
Common Mode
f = 100kHz
2.7
4.2
2.7
4.2
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com