Electronic Components Datasheet Search
  English  ▼

X  

LTC6087 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6087
Description  Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6087 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6087 Datasheet HTML 2Page - Linear Technology LTC6087 Datasheet HTML 3Page - Linear Technology LTC6087 Datasheet HTML 4Page - Linear Technology LTC6087 Datasheet HTML 5Page - Linear Technology LTC6087 Datasheet HTML 6Page - Linear Technology LTC6087 Datasheet HTML 7Page - Linear Technology LTC6087 Datasheet HTML 8Page - Linear Technology LTC6087 Datasheet HTML 9Page - Linear Technology LTC6087 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6087/LTC6088
6
60878fb
TYPICAL PERFORMANCE CHARACTERISTICS
VOS Distribution
VOS vs VCM
VOS Drift Distribution
Input Bias Current vs
Common Mode Voltage
Input Noise Voltage vs Frequency
0.1Hz to 10Hz Output Voltage
Noise
Output Voltage Swing vs
Load Current
Supply Current vs Supply Voltage
Input Noise Current vs Frequency
VOS (mV)
–1
0
2
4
6
8
12
–0.7 –0.4 –0.1
0.2
0.5
60878 G01
0.8
10
LTC6087MS8
VS = 5V
VCM = 0.5V
TA = 25°C
VCM (V)
0
0.2
0.6
1.0
4
60878 G02
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
1
0.5
2
1.5
3
3.5
4.5
2.5
5
VS = 5V
TA = 25°C
REPRESENTATIVE PARTS
DISTRIBUTION (μV/°C)
–2
14
16
18
20
22
1.2
60878 G03
8
10
12
2
4
6
0
–1.2
–0.4
0.4
2.0
2.8
LTC6087MS8
VS = 5V
VCM = 2.5V
TA = –40°C TO 125°C
COMMON MODE VOLTAGE (V)
0
0.5
0.1
1
10
100
1.5
2.5
3.5
1234
4.5
5
60878 G05
0.01
1000
10000
VS = 5V
TA = 125°C
TA = 85°C
TA = 25°C
FREQUENCY (Hz)
30
90
100
20
10
80
50
70
60
40
10
1k
10k
100k
60878 G06
0
100
VS = 5V
VCM = 2.5V
TA = 25°C
TIME (1s/DIV)
60878 G07
VS = 5V
VCM = 2.5V
FREQUENCY (Hz)
100
200
300
400
500
1
100
1000
100000
60878 G04
0
10
10000
LOAD CURRENT (mA)
0.1
2.0
2.5
3.0
3.5
4.0
1
10
100
60878 G08
1.5
1.0
0.5
0
4.5
5.0
VS = 5V
VCM = 2.5V
TA = 125°C
TA = 25°C
TA = –55°C
SOURCE
SINK
SUPPLY VOLTAGE (V)
0
0.4
0.8
1.2
0.2
0.6
1.0
1234
69878 G09
5.5
0.5
0
1.5
2.5
3.5
4.5 5
PER AMPLIFIER
VCM = 0.5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com