Electronic Components Datasheet Search
  English  ▼

X  

LTC6104 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6104
Description  High Voltage, High Side, Bi-Directional Current Sense Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6104 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6104 Datasheet HTML 8Page - Linear Technology LTC6104 Datasheet HTML 9Page - Linear Technology LTC6104 Datasheet HTML 10Page - Linear Technology LTC6104 Datasheet HTML 11Page - Linear Technology LTC6104 Datasheet HTML 12Page - Linear Technology LTC6104 Datasheet HTML 13Page - Linear Technology LTC6104 Datasheet HTML 14Page - Linear Technology LTC6104 Datasheet HTML 15Page - Linear Technology LTC6104 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC6104
13
6104f
Reverse Supply Protection
Some applications may be tested with reverse-polarity
supplies due to an expectation of this type of fault during
operation. The LTC6104 is not protected internally from
external reversal of supply polarity. To prevent damage that
may occur during this condition, a Schottky diode should
be added in series with V– (Figure 6). This will limit the
reverse current through the LTC6104. Note that this diode
will limit the low voltage performance of the LTC6104 by
effectively reducing the supply voltage to the part by VD.
Keep this in mind when choosing an output resistor and
voltage reference.
In addition, if the output of the LTC6104 is wired to a
device that will effectively short it to high voltage (such as
through an ESD protection clamp) during a reverse sup-
ply condition, the LTC6104’s output should be connected
through a resistor or Schottky diode (Figure 7).
Response Time
The LTC6104 is designed to exhibit fast response to inputs
for the purpose of circuit protection or signal transmission.
This response time will be affected by the external circuit
in two ways: delay and speed.
For unidirectional applications, if the output current is
very low and an input transient occurs, there may be an
increased delay before the output voltage starts to change.
This can be improved by increasing the minimum output
current, either by increasing RSENSE or by decreasing RIN.
The effect of increased output current is illustrated in the
step response curves in the Typical Performance Charac-
teristics section of this datasheet. Note that the curves are
labeled with respect to the initial output currents.
For bidirectional applications, there is a delay when output
current changes polarity. The delay time can be found
in the step response curves in the Typical Performance
Characteristics section of this data sheet.
Speed is also affected by the external circuit. In this case,
if the input changes very quickly, the internal amplifier
and the internal output FET (Figure 1) will attempt to
maintain the internal loop, but may be slew rate limited.
This results in current flowing through RIN and the internal
FET. This current slew rate will be determined by the ampli-
fier and FET characteristics as well as the input resistor,
RIN. Using a smaller RIN will allow the output current to
increase more quickly, decreasing the response time at
the output. This will also have the effect of increasing
the maximum output current. Using a larger ROUT will
APPLICATIONS INFORMATION
Figure 6. Schottky Prevents Damage During Supply Reversal
Figure 7. Additional Resistor R1 Protects Output
During Supply Reversal
+
–
8
7
6
4
+INA
OUT
+
–
VS
IS
VS
A
LTC6104
–INA
–INB
RIN
RIN
TO
CHARGER/LOAD
RSENSE
VSENSE +
–
+INB
V–
ILOAD
+
CURRENT
MIRROR
+
–
5
B
ROUT
D1
VREF
6104 F06
VOUT
+
–
1
+
–
8
7
6
4
+INA
OUT
R1
VS
VS
A
LTC6104
–INA
–INB
RIN
RIN
TO
CHARGER/LOAD
RSENSE
VSENSE +
–
+INB
V–
ILOAD
+
CURRENT
MIRROR
+
–
5
B
ROUT
D1
VREF
6104 F07
+
–
1
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com