Electronic Components Datasheet Search
  English  ▼

X  

LTC6104 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6104
Description  High Voltage, High Side, Bi-Directional Current Sense Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6104 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6104 Datasheet HTML 8Page - Linear Technology LTC6104 Datasheet HTML 9Page - Linear Technology LTC6104 Datasheet HTML 10Page - Linear Technology LTC6104 Datasheet HTML 11Page - Linear Technology LTC6104 Datasheet HTML 12Page - Linear Technology LTC6104 Datasheet HTML 13Page - Linear Technology LTC6104 Datasheet HTML 14Page - Linear Technology LTC6104 Datasheet HTML 15Page - Linear Technology LTC6104 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC6104
14
6104f
APPLICATIONS INFORMATION
decrease the response time, since VOUT = IOUT • ROUT.
Reducing RIN and increasing ROUT will both have the
effect of increasing the voltage gain of the circuit.
Use of Dual Sense Resistors
The dual amplifier topology offers significant advantages
for controlling gain, dynamic range and shunt current.
As an example, separate shunt resistors can be advanta-
geous for an H-bridge current monitor (see H-Bridge Load
Current Monitor application). It can also be a significant
advantage for battery-operated systems, where battery
discharge and charge current can be significantly differ-
ent. With different current range requirements, a “charge
shunt resistor” can be connected from the charger to the
battery and a separate “discharge shunt resistor” can be
connected from the battery to the load. Other applications
can benefit from similar topologies where different shunt
resistors enable the user to trade off accuracy and shunt
power consumption. Finally, since each amplifier has an
independent input resistor, gain for each channel can be
set to suit the application. The only limitation to observe
in this type of application is that since the power for both
TYPICAL APPLICATION
H-Bridge Load Current Monitor
6104 TA02
VBATTERY
(8V TO 60V)
3V TO 18V
7
85
6
4
PWM*
249
Ω
2
4.99k
1
µF
VO
10m
10m
LT1790-2.5
4
6
2
1
PWM*
VO = 2.5V ±2V (±10A FS)
*USE “SIGN-MAGNITUDE” PWM FOR ACCURATE
LOAD CURRENT CONTROL AND MEASUREMENT
249
Ω
0.1
µF
IM
LTC6104
sense amplifiers is furnished via the +INB pin, the input
protection for both sections is referenced to this one pin.
Normal operation of section A is maintained for +INA
and –INA voltages within the range of 0.5V above +INB
to 1.5V below +INB. As long as both sense resistors are
connected to a common potential and voltage drops are
small (like <500mV, for example), as in Figure 8 or the
H-bridge application, this condition will be met.
Figure 8
VOUT
ROUT
VS
A
LTC6104
RINB
RINA
RSHUNTA
CURRENT
MIRROR
LOAD
BATTERY
B
6104 F08
VREF
RSHUNTB
CHARGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com