Electronic Components Datasheet Search
  English  ▼

X  

LTC6104 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6104
Description  High Voltage, High Side, Bi-Directional Current Sense Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6104 Datasheet(HTML) 3 Page - Linear Technology

  LTC6104 Datasheet HTML 1Page - Linear Technology LTC6104 Datasheet HTML 2Page - Linear Technology LTC6104 Datasheet HTML 3Page - Linear Technology LTC6104 Datasheet HTML 4Page - Linear Technology LTC6104 Datasheet HTML 5Page - Linear Technology LTC6104 Datasheet HTML 6Page - Linear Technology LTC6104 Datasheet HTML 7Page - Linear Technology LTC6104 Datasheet HTML 8Page - Linear Technology LTC6104 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC6104
3
6104f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6104C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6104C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but are not tested or QA
sampled at these temperatures. LTC6104I is guaranteed to meet specified
performance from –40°C to 85°C. The LTC6104H is guaranteed to meet
specified performance from –40°C to 125°C.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. RIN = 100Ω, ROUT = 5k, 4V ≤ +INB(VS) ≤ 60V, V
– = 0V, VREF = 2V for
VS ≥ 6V, VREF = 0.75V for VS = 4V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT(MAX)
Maximum Output Current
6V ≤ VS ≤ 60V, VSENSE = ±110mV, VREF = 2V, ROUT = 1k
VS = 4V, VSENSE = ±27.5mV, VREF = 0.75V, ROUT = 1k
●
●
±1
±0.25
mA
mA
IOUT-GAINERR Current Mirror Gain Error
VINB
– > VINB+ and VINA– < VINA+ (Note 4)
±0.2
±0.75
%
IOUT-OSERR
Current Mirror Offset Error
VINB
– > VINB+ and VINA– < VINA+ (Note 4)
±0.2
µA
tr
Input Step Response (
ΔVOUT = to
50% on a 5V Output Step)
8V ≤ VS ≤ 60V, VREF = 1V, VSENSE = 0mV to 100mV
Transient
1µs
8V ≤ VS ≤ 60V, VREF = 6V, VSENSE = –100mV to 0mV
Transient
1µs
8V ≤ VS ≤ 60V, VREF = 4V, VSENSE = –50mV to 50mV
Transient
3µs
Input Step Response (
ΔVOUT = to
50% on a 0.5V Output Step)
VS = 4V, ROUT = 500Ω, Gain = 5, VREF = 0.5V,
VSENSE = 0mV to 100mV Transient
1.2
µs
VS = 4V, ROUT = 500Ω, Gain = 5, VREF = 1V,
VSENSE = –100mV to 0mV Transient
1.2
µs
VS = 4V, ROUT = 500Ω, Gain = 5, VREF = 0.75V,
VSENSE = –50mV to 50mV Transient
3.2
µs
BW
Signal Bandwidth
IOUT = 200µA, ROUT = 5k
IOUT = –200µA, ROUT = 5k
IOUT = 1mA, ROUT = 5k
IOUT = –1mA, ROUT = 5k
140
140
200
200
kHz
kHz
kHz
kHz
IS
Supply Current
VS = 4V, IOUT = 0, RIN = 1M
●
0.45
0.73
0.825
mA
mA
VS = 6V, IOUT = 0, RIN = 1M
●
0.5
0.79
1
mA
mA
VS = 12V, IOUT = 0, RIN = 1M
●
0.52
0.81
1
mA
mA
VS = 60V, IOUT = 0, RIN = 1M
LTC6104I, LTC6104C
LTC6104H
●
●
0.64
1.04
1.1
1.2
mA
mA
mA
Note 3: VSENSE(MAX) is tested by applying 550mV and verifying the gain
error is less than 1%. The 1% limit is set by the accuracy of high speed
test equipment. Gain error is typically dominated by external resistor
tolerance.
Note 4: When amplifier A is active and amplifier B is inactive, the gain
error is entirely due to the external resistors RIN and ROUT. When amplifier
A is inactive and amplifier B is active, there is an additional gain error from
the LTC6104 current mirror circuit. This error term is the gain error term,
IOUT-GAINERR plus the offset error term, IOUT-OSERR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com