Electronic Components Datasheet Search
  English  ▼

X  

LTC6240 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6240
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6240 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6240 Datasheet HTML 10Page - Linear Technology LTC6240 Datasheet HTML 11Page - Linear Technology LTC6240 Datasheet HTML 12Page - Linear Technology LTC6240 Datasheet HTML 13Page - Linear Technology LTC6240 Datasheet HTML 14Page - Linear Technology LTC6240 Datasheet HTML 15Page - Linear Technology LTC6240 Datasheet HTML 16Page - Linear Technology LTC6240 Datasheet HTML 17Page - Linear Technology LTC6240 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC6240/LTC6241/LTC6242
14
624012fc
Input Capacitance vs Frequency
Minimum Supply Voltage
Output Short Circuit Current vs
Power Supply Voltage
Open Loop Gain
Open Loop Gain
Open Loop Gain
TYPICAL PERFOR A CE CHARACTERISTICS
16
14
12
10
8
6
4
2
0
1k
100k
1M
100M
10k
10M
FREQUENCY (Hz)
6241 G20
VS = ±1.5V
CCM
TOTAL SUPPLY VOLTAGE (V)
02
6
14
8
37
59
10
100
20
40
60
80
–100
–80
–40
–60
–20
0
6241 G21
VCM = VS/2
TA = 125°C
TA = –55°C
TA = 25°C
POWER SUPPLY VOLTAGE (
±V)
1.5
2.5
4.5
2.0
3.5
3.0
4.0
5.0
50
10
20
30
40
–50
–40
–20
–30
–10
0
6241 G22
SOURCING
SINKING
TA = 125°C
TA = 125°C
TA = –55°C
TA = –55°C
TA = 25°C
OUTPUT VOLTAGE (V)
0
0.5
2.5
1.5
1.0
2.0
3.0
120
100
20
40
60
80
0
6241 G23
TA = 25°C
VS = 3V, 0V
RL = 100k
RL = 10k
OUTPUT VOLTAGE (V)
012
5
34
120
100
20
40
60
80
–20
0
6241 G24
TA = 25°C
VS = 5V, 0V
RL = 1k
RL = 10k
OUTPUT VOLTAGE (V)
–5 –4
0
–2
–3
–1
5
1234
100
20
40
60
80
–60
–40
–20
0
6241 G25
TA = 25°C
VS = ±5V
RL = 1k
RL = 10k
Channel Separation vs Frequency
FREQUENCY (Hz)
10k
100k
10M
1M
100M
–120
0
–10
–20
–30
–40
–50
–60
–70
–110
–100
–90
–80
6241 G18
TA = 25°C
VS = ±2.5V
AV = 1
Power Supply Rejection Ratio vs
Frequency
90
80
70
60
50
40
30
20
10
0
1k
100k
1M
100M
10k
10M
FREQUENCY (Hz)
6241 G19
TA = 25°C
VS = ±2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
Offset Voltage vs Output Current
OUTPUT CURRENT (mA)
–50 –40 –30 –20 –10
10
30
20
040 50
500
400
100
200
300
–500
–400
–300
–100
–200
0
6241 G26
TA = 125°C
TA = –55°C
TA = 25°C
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com