Electronic Components Datasheet Search
  English  ▼

X  

LTC6240 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC6240
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6240 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC6240 Datasheet HTML 19Page - Linear Technology LTC6240 Datasheet HTML 20Page - Linear Technology LTC6240 Datasheet HTML 21Page - Linear Technology LTC6240 Datasheet HTML 22Page - Linear Technology LTC6240 Datasheet HTML 23Page - Linear Technology LTC6240 Datasheet HTML 24Page - Linear Technology LTC6240 Datasheet HTML 25Page - Linear Technology LTC6240 Datasheet HTML 26Page - Linear Technology LTC6240 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC6240/LTC6241/LTC6242
23
624012fc
APPLICATIO S I FOR ATIO
1M Transimpedance Amplifier with 43nV/√Hz
Output Noise
In a normal 1M transimpedance amplifier, like that shown
on the back page of this data sheet, the output noise density
must be at least 130nV/√Hz at room temperature. This is
true even should the op amp be perfectly noiseless, because
the 1M resistor provides 130nV/√Hz of voltage noise at
room temperature independently of the op amp.
The circuit of Figure 13 provides an overall transimpedance
gain of 1MΩ, but it has an output noise density of only
43nV/√Hz, about 1/3 of the normal transimpedance ampli-
fier. It does this by taking a higher initial transimpedance
gain of 10M and then attenuating by a factor of 10. The
transistor section provides voltage gain and works on a
54V supply voltage to guarantee adequate output swing.
By achieving an output swing of 50V before attenuation,
the circuit provides an output swing to 5V after attenu-
ation. The 10M resistor sets the gain of the TIA stage
and has a noise density of 400nV/√Hz. After attenuation,
the effective TIA gain drops to 1M while the noise floor
drops to 40nV/√Hz, which clearly dominates the observed
43nV/√Hz. Note the additional benefit that the offset voltage
of the op amp is divided by 10. Worst case output offset
for this circuit is 150µV over temperature.
Reference Buffer
Figure 14 shows the LTC6240 being utilized as a buffer
in conjunction with the LT1019 reference. The passive
R-C filter attenuates the reference noise and the LTC6240
provides a low noise buffer, resulting in an output noise
of 8nV/√Hz.
5V
54V
–5V
–1.5V
3pF
PHOTODIODE
6241 F13
–5V
10k
–
+
LTC6240HV
100pF
10M
1%
0.3pF
1k
10k
2.4k
33k
MPSA06
43k
9.09k
1%
1/4W
1k
1%
VOUT
1M GAIN
(1V/
µA)
10M GAIN
(10V/
µA)
MPSA06
Figure 13. 1M Transimpedance Amplifier with 43nV/√Hz Output Noise
Figure 14. Low Noise Reference Buffer
5V
–5V
6241 F14
0.2
Ω
–
+
LTC6240HV
1M
10
µF
CERAMIC
OR FILM
8nV/
√Hz
VOUT
1
µF
LT1019-2.5
180nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com