Electronic Components Datasheet Search
  English  ▼

X  

LTC6240 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6240
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6240 Datasheet(HTML) 2 Page - Linear Technology

  LTC6240 Datasheet HTML 1Page - Linear Technology LTC6240 Datasheet HTML 2Page - Linear Technology LTC6240 Datasheet HTML 3Page - Linear Technology LTC6240 Datasheet HTML 4Page - Linear Technology LTC6240 Datasheet HTML 5Page - Linear Technology LTC6240 Datasheet HTML 6Page - Linear Technology LTC6240 Datasheet HTML 7Page - Linear Technology LTC6240 Datasheet HTML 8Page - Linear Technology LTC6240 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC6240/LTC6241/LTC6242
2
624012fc
Total Supply Voltage (V+ to V–)
LTC6240/LTC6241/LTC6242 ...................................7V
LTC6240HV/LTC6241HV/LTC6242HV ...................12V
Input Voltage.......................... (V+ + 0.3V) to (V– – 0.3V)
Input Current........................................................±10mA
Output Short Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range
LTC6240C/LTC6241C/LTC6242C.......... –40°C to 85°C
LTC6240I/LTC6241I/LTC6242I ............. –40°C to 85°C
LTC6240H/LTC6241H/LTC6242H ....... –40°C to 125°C
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Specified Temperature Range (Note 3)
LTC6240C/LTC6241C/LTC6242C.............. 0°C to 70°C
LTC6240I/LTC6241I/LTC6242I ............. –40°C to 85°C
LTC6240H/LTC6241H/LTC6242H ....... –40°C to 125°C
Junction Temperature ........................................... 150°C
DHC, DD Package ............................................. 125°C
Storage Temperature Range....................–65ºC to 150°C
DHC, DD Package ...............................–65ºC to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
5 V+
4 –IN
TJMAX = 150°C, θJA = 250°C/W
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
NC
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 190°C/W
ORDER PART NUMBER
S5 PART MARKING*
LTC6240CS5
LTC6240HVCS5
LTC6240IS5
LTC6240HVIS5
LTC6240HS5
LTC6240HVHS5
LTCRR
LTCRS
LTCRR
LTCRS
LTCRR
LTCRS
ORDER PART NUMBER
S8 PART MARKING
LTC6240CS8
LTC6240HVCS8
LTC6240IS8
LTC6240HVIS8
LTC6240HS8
LTC6240HVHS8
6240
6240HV
6240I
240HVI
6240H
240HVH
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
B
A
TJMAX = 125°C, θJA = 43°C/W
UNDERSIDE METAL CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
TJMAX = 150°C, θJA = 190°C/W
ORDER PART NUMBER DD PART MARKING*
LTC6241CDD
LTC6241HVCDD
LTC6241IDD
LTC6241HVIDD
LBPD
LBRR
LBPD
LBRR
ORDER PART NUMBER
S8 PART MARKING
LTC6241CS8
LTC6241HVCS8
LTC6241IS8
LTC6241HVIS8
LTC6241HS8
LTC6241HVHS8
6241
6241HV
6241I
241HVI
6241H
241HVH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com