Electronic Components Datasheet Search
  English  ▼

X  

LTC6240CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6240CS8
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6240CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC6240CS8 Datasheet HTML 1Page - Linear Technology LTC6240CS8 Datasheet HTML 2Page - Linear Technology LTC6240CS8 Datasheet HTML 3Page - Linear Technology LTC6240CS8 Datasheet HTML 4Page - Linear Technology LTC6240CS8 Datasheet HTML 5Page - Linear Technology LTC6240CS8 Datasheet HTML 6Page - Linear Technology LTC6240CS8 Datasheet HTML 7Page - Linear Technology LTC6240CS8 Datasheet HTML 8Page - Linear Technology LTC6240CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC6240/LTC6241/LTC6242
1
624012fc
Single/Dual/Quad 18MHz,
Low Noise, Rail-to-Rail Output,
CMOS Op Amps
The LTC®6240/6241/LTC6242 are single, dual and quad
low noise, low offset, rail-to-rail output, unity gain stable
CMOS op amps that feature 1pA of input bias current. Input
bias current is guaranteed to be 1pA max on the single
LTC6240. The 0.1Hz to 10Hz noise of only 550nVP-P, along
with an offset of just 125µV are significant improvements
over traditional CMOS op amps. Additionally, noise is
guaranteed to be less than 10nV/√Hz at 1kHz. An 18MHz
gain bandwidth, and 10V/µs slew rate, along with the wide
supply range and low input capacitance, make them perfect
for use as fast signal processing amplifiers.
These op amps have an output stage that swings within
30mV of either supply rail to maximize the signal dynamic
range in low supply applications. The input common mode
range extends to the negative supply. They are fully speci-
fied on 3V and 5V, and an HV version guarantees operation
on supplies up to ±5V.
The LTC6240 is available in the 8-pin SO and the 5-pin
SOT-23 packages. The LTC6241 is available in the 8-pin
SO, and for compact designs it is packaged in a tiny dual
fine pitch leadless (DFN) package. The LTC6242 is avail-
able in the 16-Pin SSOP as well as the 5mm × 3mm DFN
package.
■
Photo Diode Amplifiers
■
Charge Coupled Amplifiers
■
Low Noise Signal Processing
■
Medical Instrumentation
■
High Impedance Transducer Amplifier
■
0.1Hz to 10Hz Noise: 550nVP-P
■
Input Bias Current:
0.2pA (Typ at 25°C)
1pA Max (LT6240)
■
Low Offset Voltage: 125µV Max
■
Low Offset Drift: 2.5µV/°C Max
■
Gain Bandwidth Product: 18MHz
■
Output Swings Rail-to-Rail
■
Supply Operation:
2.8V to 6V LTC6240/LTC6241/LTC6242
2.8V to ±5.5V LTC6240HV/LTC6241HV/LTC6242HV
■
Low Input Capacitance
■
H Grade Temperature Range: –40°C to 125°C
■
Single LTC6240 in 5-Pin SOT-23 Package and
8-Pin SO for PCB Guard Ring
■
Dual LTC6241 in 8-Pin SO and Tiny DFN Packages
■
Quad LTC6242 in 16-Pin SSOP and 5mm × 3mm
DFN Packages
Low Noise Single-Ended Input to Differential Output Amplifier
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
+
–
R2
200k
C1
10pF
C2
10pF
+2.5V
–2.5V
6241 TA01a
R4
4.99k
R1
200k
VIN
VOUT
+
VOUT
–
1/2
LTC6241
+
–
1/2
LTC6241
C3
10pF
R3
4.99k
C4
10pF
FREQUENCY (Hz)
20
10
30
40
50
60
1
100
1k
100k
6241 TA01b
0
10
10k
TA = 25°C
VS = ±2.5V
VCM = 0V
Noise Voltage vs Frequency


Similar Part No. - LTC6240CS8

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results

Similar Description - LTC6240CS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
logo
Linear Technology
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LTC6241 LINER-LTC6241 Datasheet
490Kb / 24P
Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com