Electronic Components Datasheet Search
  English  ▼

X  

LTC6240CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6240CS8
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6240CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6240CS8 Datasheet HTML 8Page - Linear Technology LTC6240CS8 Datasheet HTML 9Page - Linear Technology LTC6240CS8 Datasheet HTML 10Page - Linear Technology LTC6240CS8 Datasheet HTML 11Page - Linear Technology LTC6240CS8 Datasheet HTML 12Page - Linear Technology LTC6240CS8 Datasheet HTML 13Page - Linear Technology LTC6240CS8 Datasheet HTML 14Page - Linear Technology LTC6240CS8 Datasheet HTML 15Page - Linear Technology LTC6240CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC6240/LTC6241/LTC6242
12
624012fc
DISTRIBUTION (
µV/°C)
0
2
6
8
10
18
6241 G44
4
12
14
16
–0.6
–0.2
1.8
1.4
1.0
0.6
0.2
VS = 5V, 0
VCM = 2.5V
2 LOTS
–40
°C TO 125°C
SO-8 AND SOT23
PACKAGES
INPUT OFFSET VOLTAGE (
µV)
0
5
10
15
35
6241 G43
20
25
30
–70
–90
–110
–50 –30 –10
70
30
50
10
VS = ±2.5V
COMMON MODE VOLTAGE (V)
–0.8 –0.6
–0.2
0.2
0.6
–0.4
0
0.4
0.8 1.0
700
100
200
300
400
500
600
–400
–300
–200
–100
0
6241 G07
VS = 5V, 0V
TA = 85°C
TA = 125°C
TA = 25°C
Input Bias Current vs
Common Mode Voltage
INPUT OFFSET VOLTAGE (
µV)
0
10
30
40
50
90
6241 G01
20
60
70
80
–70
–50
–30
–10
70
30
50
10
VS = ±2.5V
SO-8 PACKAGE
INPUT OFFSET VOLTAGE (
µV)
0
40
120
6241 G02
20
60
100
80
–350 –250 –150 –50
350
150
250
50
VS = ±2.5V
DD PACKAGE
DISTRIBUTION (
µV/°C)
0
4
16
14
12
6241 G03
2
6
10
8
–1.0 –0.6 –0.2
0.2
1.8
1.0
1.4
0.6
VS = ±2.5V
2 LOTS
–55
°C TO 125°C
INPUT COMMON MODE VOLTAGE (V)
–0.5
300
200
250
150
100
0
50
–50
–100
–150
–200
–250
–300
3.0
6241 G05
0
0.5
1.5
2.5
3.5
1.0
2.0
4.5
4.0
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
COMMON MODE VOLTAGE (V)
0
1.0
2.0
3.0
4.0
0.5
1.5
2.5
3.5
4.5 5.0
1000
100
10
0.1
1
6241 G06
VS = 5V, 0V
TA = 85°C
TA = 125°C
TA = 25°C
TOTAL SUPPLY VOLTAGE (V)
0
2.0
2.5
3.0
610
6241 G04
1.5
1.0
24
812
0.5
0
3.5
TA = –55°C
TA = 125°C
TA = 25°C
VOS Distribution LTC6241
VOS Distribution LTC6241
VOS Temperature Coefficient
Distribution LTC6241
Supply Current vs Supply Voltage
Offset Voltage vs Input Common
Mode Voltage
Input Bias Current vs Common
Mode Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
VOS Temperature Coefficient
Distribution LTC6240
VOS Distribution LTC6240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com