Electronic Components Datasheet Search
  English  ▼

X  

LTC6240CS8 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC6240CS8
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6240CS8 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC6240CS8 Datasheet HTML 20Page - Linear Technology LTC6240CS8 Datasheet HTML 21Page - Linear Technology LTC6240CS8 Datasheet HTML 22Page - Linear Technology LTC6240CS8 Datasheet HTML 23Page - Linear Technology LTC6240CS8 Datasheet HTML 24Page - Linear Technology LTC6240CS8 Datasheet HTML 25Page - Linear Technology LTC6240CS8 Datasheet HTML 26Page - Linear Technology LTC6240CS8 Datasheet HTML 27Page - Linear Technology LTC6240CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC6240/LTC6241/LTC6242
28
624012fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT 0107 REV C • PRINTED IN USA
1kHz
101kHz
10kHz/DIV
6241 TA02b
0V
1kHz
101kHz
6241 TA02c
10kHz/DIV
0V
TYPICAL APPLICATIO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1151
±15V Zero-Drift Op Amp
Dual High Voltage Operation ±18V
LT1792
Low Noise Precision JFET Op Amp
6nV/√Hz Noise, ±15V Operation
LTC2050
Zero-Drift Op Amp
2.7 Volt Operation, SOT-23
LTC2051/LTC2052
Dual/Quad Zero-Drift Op Amp
Dual/Quad Version of LTC2050 in MS8/GN16 Packages
LTC2054/LTC2055
Single/Dual Zero-Drift Op Amp
Micropower Version of the LTC2050/LTC2051 in SOT-23 and DD Packages
LTC6244
Dual 50MHz Rail-to-Rail Op Amp
100µV VOS(MAX), 1pA IBIAS, 40V/µV, Slew Rate
Figure 15. Ultralow Noise 1MΩ 150kHz Photodiode Amplifier
LTC6241 Output Noise Spectrum. 1MΩ Resistor Noise
Dominates; Ideal Performance
Competition Output Noise Spectrum. Op Amp Noise Dominates;
Performance Compromised
R2
1.69k
C3
180pF
C1
1500pF
+1.5V
–1.5V
–1.5V
SFH213FA
OR EQUIVALENT
(
≤4pF)
6241 TA02a
RF
1M
R1
866
Ω
–
+
1/2
LTC6241
–
+
1/2
LTC6241
C2
1500pF
CF
1pF
1M
Ω TIA
150kHz 3RD ORDER BUTTERWORTH FILTER
R3
2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com