Electronic Components Datasheet Search
  English  ▼

X  

LTC6404 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 20Page - Linear Technology LTC6404 Datasheet HTML 21Page - Linear Technology LTC6404 Datasheet HTML 22Page - Linear Technology LTC6404 Datasheet HTML 23Page - Linear Technology LTC6404 Datasheet HTML 24Page - Linear Technology LTC6404 Datasheet HTML 25Page - Linear Technology LTC6404 Datasheet HTML 26Page - Linear Technology LTC6404 Datasheet HTML 27Page - Linear Technology LTC6404 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC6404
28
6404f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0608 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1809/LT1810
Single/Dual 180Mhz, 350V/μs Rail-to-Rail Input and Output
Low Distortion Op Amps
180MHz, 350V/μs Slew Rate, Shutdown
LTC1992/LTC1992-x
Fully Differential Input/Output Amplifiers
Programmable Gain or Fixed Gain (G = 1, 2, 5, 10)
LT1994
Low Noise, Low Distortion Fully differential Input/Output
Amplifier/Driver
Low Distortion, 2VP-P, 1MHz: –94dBc, 13mA, Low Noise: 3nV/√Hz
LTC6400-20
1.8GHz Low Noise, Low Distortion, Differential ADC Driver
AV = 20dB, 90mA Supply Current, IMD3 = –65dBc at 300MHz
LTC6400-26
1.9GHz Low Noise, Low Distortion, Differential ADC Driver
AV = 26dB, 85mA Supply Current, IMD3 = –71dBc at 300MHz
LTC6401-8
2.2GHz Low Noise, Low Distortion, Differential ADC Driver
AV = 8dB, 45mA Supply Current, IMD3 = –80dBc at 140MHz
LTC6401-20
1.3GHz Low Noise, Low Distortion, Differential ADC Driver
AV = 20dB, 50mA Supply Current, IMD3 = –74dBc at 140MHz
LTC6401-26
1.6GHz Low Noise, Low Distortion, Differential ADC Driver
AV = 26dB, 45mA Supply Current, IMD3 = –72dBc at 140MHz
LT6402-12
300MHz Low Distortion, Low Noise Differential Amplifier/ADC
Driver
AV = 4V/V, NF = 15dB, OIP3 = 43dBm at 20MHz
LTC6406
3GHz Low Noise, Rail-to-Rail Input Differential ADC Driver
Low Noise: 1.6nV/√Hz, Low Power: 18mA
LT6600-2.5
Very Low Noise, Fully Differential Amplifier and 2.5MHz Filter
86dB S/N with 3V Supply, SO-8 Package
LT6600-5
Very Low Noise, Fully Differential Amplifier and 5MHz Filter
82dB S/N with 3V Supply, SO-8 Package
LT6600-10
Very Low Noise, Fully Differential Amplifier and 10MHz Filter
82dB S/N with 3V Supply, SO-8 Package
LT6600-15
Very Low Noise, Fully Differential Amplifier and 15MHz Filter
76dB S/N with 3V Supply, SO-8 Package
LT6600-20
Very Low Noise, Fully Differential Amplifier and 20MHz Filter
76dB S/N with 3V Supply, SO-8 Package
LTC6403-1
200MHz Low Noise, Low Distortion Differential ADC Driver
10.8mA Supply Current, –95dB Distortion at 3MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com