Electronic Components Datasheet Search
  English  ▼

X  

LTC1853CFW Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1853CFW
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1853CFW Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1853CFW Datasheet HTML 16Page - Linear Technology LTC1853CFW Datasheet HTML 17Page - Linear Technology LTC1853CFW Datasheet HTML 18Page - Linear Technology LTC1853CFW Datasheet HTML 19Page - Linear Technology LTC1853CFW Datasheet HTML 20Page - Linear Technology LTC1853CFW Datasheet HTML 21Page - Linear Technology LTC1853CFW Datasheet HTML 22Page - Linear Technology LTC1853CFW Datasheet HTML 23Page - Linear Technology LTC1853CFW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC1852/LTC1853
22
18523fa
INPUT
CONFIGURATION:
ALL 8 CHANNELS
SINGLE ENDED
TO COM
CH0–CH7:
0V TO 4.096V
BUSY
DIFFOUT/S6
A2OUT/S5
A1OUT/S4
A0OUT/S3
D11/S2
D10/S1
D9/S0
D8
D7
D6
D5
D4
D3
D2
D1
D0
33
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
M1
M0
SHDN
CS
CONVST
RD
WR
DIFF
A2
A1
A0
UNI/BIP
PGA
48
36
47
46
45
44
43
42
41
40
39
38
37
OGND 34
18523 TA01
OVDD 35
GND
GND
1.6384X
REFCOMP
13
16
REFIN
REFOUT
12
11
10
2.5V
4.096V
COM
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
14
VDD
9
8
7
6
5
4
3
2
1
15
0.1μF
VDD
5V
10μF
1μF
0.1μF
10μF
0.1μF
10μF
2.7V TO VDD
5V
5V
5V
CONVERT
CLOCK
OUTPUT
DRIVERS
DATA
LATCHES
REF AMP
8-CHANNEL
MULTIPLEXER
2.5V
REFERENCE
INTERNAL
CLOCK
LTC1853
CONTROL LOGIC
AND
PROGRAMMABLE
SEQUENCER
12-BIT
SAMPLING
ADC
+
–
LTC1853 Hardwired for 8-Channel Single-Ended Scan with Unipolar 0V to 4.096V Operation
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com