Electronic Components Datasheet Search
  English  ▼

X  

LTC1853CFW Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1853CFW
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1853CFW Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1853CFW Datasheet HTML 16Page - Linear Technology LTC1853CFW Datasheet HTML 17Page - Linear Technology LTC1853CFW Datasheet HTML 18Page - Linear Technology LTC1853CFW Datasheet HTML 19Page - Linear Technology LTC1853CFW Datasheet HTML 20Page - Linear Technology LTC1853CFW Datasheet HTML 21Page - Linear Technology LTC1853CFW Datasheet HTML 22Page - Linear Technology LTC1853CFW Datasheet HTML 23Page - Linear Technology LTC1853CFW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC1852/LTC1853
24
18523fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2001
LT 0108 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1410
12-Bit, 1.25Msps, ± 5V ADC
71.5dB SINAD at Nyquist, 150mW Dissipation
LTC1415
12-Bit, 1.25Msps, Single 5V ADC
55mW Power Dissipation, 72dB SINAD
LTC1418
14-Bit, 200ksps, Single 5V ADC
15mW, Serial/Parallel ±10V
LTC1419
Low Power 14-Bit, 800ksps ADC
True 14-Bit Linearity, 81.5dB SINAD, 150mW Dissipation
LTC1604
16-Bit, 333ksps, ±5V ADC
90dB SINAD, 220mW Power Dissipation, Pin Compatible with LTC1608
LTC1850/LTC1851
10-Bit/12, 8-Channel, 1.25Msps ADCs
Pin-Compatible, Programmable Multiplexer and Sequencer
Data buffering using two IDT7202LA15 1k x 9-bit FIFOs
allows rapid collection of 1024 samples and simple interface
to low power, low speed, 8-bit microcontrollers. Data and
channel information are clocked in simultaneously and read
out as two bytes using READ HIGH FIFO and READ LOW
FIFO lines. In the event of bus contention, resistors limit
peak output current. If both FIFOs are read completely or
reset before a burst of conversions, the empty, half full,
and full flags from only one FIFO need to be monitored.
The retransmit inputs may also be tied together. Retransmit
may be used to read data repeatedly, allowing a memory
limited processor to perform transform and filtering func-
tions that would otherwise be difficult.
BUSY
DIFFOUT/S6
A2OUT/S5
A1OUT/S4
A0OUT/S3
D11/S2
D10/S1
D9/S0
D8
D7
D6
D5
D4
D3
D2
D1
D0
33
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
M1
M0
SHDN
CS
CONVST
RD
WR
DIFF
A2
A1
A0
UNI/BIP
PGA
48
36
47
46
45
44
43
42
41
40
39
38
37
OGND 34
18523 TA03
OVDD 35
1.6384X
REFCOMP
REFIN
REFOUT
12
11
10
2.5V
4.096V
COM
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
14
VDD
9
8
7
6
5
4
3
2
1
INPUT
CONFIGURATION:
ALL 8 CHANNELS
SINGLE ENDED TO COM
CH0–CH7: 0V TO 4.096V
15
0.1μF
VDD
5V
10μF
GND
GND
13
16
1μF
0.1μF
10μF
0.1μF
10μF
5V
5V
5V
5V
*CONVERT
CLOCK
OUTPUT
DRIVERS
DATA
LATCHES
REF AMP
8-CHANNEL
MULTIPLEXER
2.5V
REFERENCE
INTERNAL
CLOCK
LTC1853
CONTROL LOGIC
AND
PROGRAMMABLE
SEQUENCER
12-BIT
SAMPLING
ADC
+
–
D8
D7
D6
D5
D4
D3
D2
D1
D0
WR
FF
RS
D7
D6
D5
D4
D3
D2
D1
D0
2
24
25
26
27
3
4
5
6
1
8
22
13
18
18
17
16
12
11
10
9
15
21
20
23
Q8
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
R
EF
HF
RT
XI
GND
READ_HIGH_FIFO
HIGH_FIFO_EMPTY
HIGH_FIFO_HALF_FULL
HIGH BYTE_FIFO_RETRANSMIT
7
14
28
0.1μF
5V
8 × 1k
HIGH_FIFO_FULL_FLAG
LOW_FIFO_FULL_FLAG
FIFO_RESET
D8
D7
D6
D5
D4
D3
D2
D1
D0
WR
FF
RS
2
24
25
26
27
3
4
5
6
1
8
22
13
19
18
17
16
12
11
10
9
15
21
20
23
Q8
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
R
EF
HF
RT
XI
GND
READ_LOW_FIFO
LOW_FIFO_EMPTY
LOW_FIFO_HALF_FULL
LOW BYTE_FIFO_RETRANSMIT
7
14
28
0.1μF
5V
8 × 1k
8-BIT
DATA BUS
IDT7202LA15
IDT7202LA15
UP TO 1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com