Electronic Components Datasheet Search
  English  ▼

X  

LTC1853CFW Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1853CFW
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1853CFW Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1853CFW Datasheet HTML 16Page - Linear Technology LTC1853CFW Datasheet HTML 17Page - Linear Technology LTC1853CFW Datasheet HTML 18Page - Linear Technology LTC1853CFW Datasheet HTML 19Page - Linear Technology LTC1853CFW Datasheet HTML 20Page - Linear Technology LTC1853CFW Datasheet HTML 21Page - Linear Technology LTC1853CFW Datasheet HTML 22Page - Linear Technology LTC1853CFW Datasheet HTML 23Page - Linear Technology LTC1853CFW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LTC1852/LTC1853
23
18523fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However,
no responsibility is assumed for its use. Linear Technology Corporation makes no representation that
the interconnection of its circuits as described herein will not infringe on existing patent rights.
LTC1853 Hardwired for 4-Channel Differential Scan with Bipolar ±1.024V Operation
BUSY
DIFFOUT/S6
A2OUT/S5
A1OUT/S4
A0OUT/S3
D11/S2
D10/S1
D9/S0
D8
D7
D6
D5
D4
D3
D2
D1
D0
33
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
M1
M0
SHDN
CS
CONVST
RD
WR
DIFF
A2
A1
A0
UNI/BIP
PGA
48
36
47
46
45
44
43
42
41
40
39
38
37
OGND 34
18523 TA02
OVDD 35
GND
GND
1.6384X
REFCOMP
13
16
REFIN
REFOUT
12
11
10
2.5V
4.096V
COM
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
14
VDD
9
8
7
6
5
4
3
2
1
INPUT
CONFIGURATION:
4 DIFFERENTIAL
CHANNELS: ±1.024V
15
0.1μF
VDD
5V
10μF
1μF
0.1μF
10μF
0.1μF
10μF
3V TO 5V
5V
5V
5V
5V
CONVERT
CLOCK
OUTPUT
DRIVERS
DATA
LATCHES
REF AMP
8-CHANNEL
MULTIPLEXER
2.5V
REFERENCE
INTERNAL
CLOCK
LTC1853
CONTROL LOGIC
AND
PROGRAMMABLE
SEQUENCER
12-BIT
SAMPLING
ADC
+
–
+
–
+
–
+
–
+
–
FW48 TSSOP REV A 1005
0.09 – 0.20
(.0035 – .008)
0° – 8°
0.25
REF
0.45 – 0.75
(.018 – .029)
0.17 – 0.27
(.0067 – .0106)
TYP
0.50
(.0197)
BSC
6.0 – 6.2**
(.236 – .244)
7.9 – 8.3
(.311 – .327)
13 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
12.40 – 12.60*
(.488 – .496)
1.10
(.0433)
MAX
0.05 – 0.15
(.002 – .006)
2
48
46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
47
C
0.10
-T-
-C-
MILLIMETERS
(INCHES)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
*
**
0.32 ±0.05
0.50 BSC
6.2 ±0.10
8.4 ±0.10
48
25
124
RECOMMENDED SOLDER PAD LAYOUT
0.95 ±0.10
TYPICAL APPLICATIONS
PACKAGE DESCRIPTION
FW Package
48-Lead Plastic TSSOP (6.1mm)
(Reference LTC DWG # 05-08-1651 Rev A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com