Electronic Components Datasheet Search
  English  ▼

X  

LTC6702 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6702
Description  Tiny Micropower, Low Voltage Dual Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6702 Datasheet(HTML) 1 Page - Linear Technology

  LTC6702 Datasheet HTML 1Page - Linear Technology LTC6702 Datasheet HTML 2Page - Linear Technology LTC6702 Datasheet HTML 3Page - Linear Technology LTC6702 Datasheet HTML 4Page - Linear Technology LTC6702 Datasheet HTML 5Page - Linear Technology LTC6702 Datasheet HTML 6Page - Linear Technology LTC6702 Datasheet HTML 7Page - Linear Technology LTC6702 Datasheet HTML 8Page - Linear Technology LTC6702 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC6702
1
6702f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Tiny Micropower,
Low Voltage
Dual Comparators
The LTC®6702 is an extremely small dual comparator
designed to maximize battery life while providing both
speed and low voltage operation in applications where
board space is a premium.
These comparators operate on supplies between 1.7V and
5.5V, and have a maximum guaranteed propagation delay
of 500ns while drawing only 30μA maximum quiescent
current. Internal hysteresis desensitizes the LTC6702 to
input noise and makes it easy to use, even with slow mov-
ing signals. CMOS inputs allow the use of large source
impedances.
The LTC6702 is available in the 8-pin SOT-23 and the tiny
2mm × 2mm DFN package.
Propagation Delay vs Input Overdrive
n Low Supply Operation: 1.7V Minimum
n Low Supply Current: 30μA/Comparator Maximum
n Propagation Delay: 500ns Maximum (–40°C to
125°C)
n 3.2MHz Toggle Frequency
n Input Voltage Range Extends 100mV Below Ground
n Internal Hysteresis: 4mV
n High Output Drive: TTL and CMOS Compatible
Specified at ±15mA (–40°C to 125°C),
Capacitive Load Handling to 10,000pF
n Specified for –40°C to 125°C Temperature Range
n Available in SOT-23 and 2mm × 2mm DFN Package
n Battery Powered Systems
n Window Comparators
n Threshold Detectors/Discriminators
n Clock Regeneration
n Automotive Sensing and Controls
Clock Regeneration Circuit
0.1 F
6702 TA01
–
+
–
+
1/2 LTC6702
LT6650
1k
RECOVERED
CLOCK
(UP TO 3.2MHz)
CLOCK INPUT > 100mVP-P
C1
0.1 F
V + = 3V
VR = 400mV
REFERENCE
IN
OUT
FB
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
INPUT OVERDRIVE (mV)
0
400
500
600
30
50
80
6702 TA01b
300
200
100
10
20
40
60
70
FALLING
RISING
V+ = 5V
VSTEP = 100mV
CLOAD = 10pF
TA = 25°C


Similar Part No. - LTC6702

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6702 LINER-LTC6702 Datasheet
366Kb / 12P
Tiny Micropower, Low Voltage Dual Comparators
LTC6702 LINER-LTC6702_15 Datasheet
366Kb / 12P
Tiny Micropower, Low Voltage Dual Comparators
More results

Similar Description - LTC6702

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V3702 STMICROELECTRONICS-TS3V3702 Datasheet
45Kb / 6P
3V MICROPOWER DUAL VOLTAGE COMPARATORS
Nov-1999
TS3V393 STMICROELECTRONICS-TS3V393 Datasheet
58Kb / 6P
3V MICROPOWER DUAL VOLTAGE COMPARATORS
Oct-1997
TS393 STMICROELECTRONICS-TS393_05 Datasheet
128Kb / 9P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Aug-2005
TS3702 STMICROELECTRONICS-TS3702 Datasheet
117Kb / 11P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
26-Feb-2007
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
Micropower dual CMOS voltage comparators
28-Apr-2008
logo
Texas Instruments
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
Linear Technology
LTC6702 LINER-LTC6702_15 Datasheet
366Kb / 12P
Tiny Micropower, Low Voltage Dual Comparators
logo
STMicroelectronics
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
TSX393 STMICROELECTRONICS-TSX393 Datasheet
936Kb / 23P
Micropower dual CMOS voltage comparators
June 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com