Electronic Components Datasheet Search
  English  ▼

X  

LTC6702 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6702
Description  Tiny Micropower, Low Voltage Dual Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6702 Datasheet(HTML) 3 Page - Linear Technology

  LTC6702 Datasheet HTML 1Page - Linear Technology LTC6702 Datasheet HTML 2Page - Linear Technology LTC6702 Datasheet HTML 3Page - Linear Technology LTC6702 Datasheet HTML 4Page - Linear Technology LTC6702 Datasheet HTML 5Page - Linear Technology LTC6702 Datasheet HTML 6Page - Linear Technology LTC6702 Datasheet HTML 7Page - Linear Technology LTC6702 Datasheet HTML 8Page - Linear Technology LTC6702 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC6702
3
6702f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+
Supply Voltage
Guaranteed by PSRR
l
1.7
5.5
V
I+
Supply Current per Comparator
V+ = 3V
l
24
30
40
μA
μA
V+ = 5V
l
25
32
42
μA
μA
VOS
Input Offset Voltage
(Note 5)
LTC6702C/LTC6702I
LTC6702H
l
l
1
3.5
5
6
mV
mV
mV
VHYST
Input Hysteresis Voltage
(Note 5)
LTC6702C/LTC6702I
LTC6702H
l
l
2.5
1.6
1.6
4.3
6.2
7.2
8.2
mV
mV
mV
ΔVOS/ΔT
Input Offset Voltage Drift
(Note 5)
l
6
μV/
°C
IIN
Input Leakage Current
LTC6702C/LTC6702I
LTC6702H
l
l
0.001
1
10
nA
nA
nA
CMRR
Common Mode Rejection Ratio
VCM = –0.1V to VDD – 1.2V
l
58
56
70
dB
dB
Input Voltage Range
Guaranteed by CMRR
l
–0.1
VDD – 1.2
V
PSRR
Power Supply Rejection Ratio
V+ = 1.7V to 5.5V, VCM = 0.5V
l
56
54
65
dB
dB
VOL
Output Swing Low
Overdrive = 20mV (Note 6)
ISINK = 100μA
ISINK = 15mA
l
l
10
250
mV
mV
mV
VOH
Output Swing High
Overdrive = 20mV (Note 6)
ISOURCE = 100μA
ISOURCE = 15mA
l
l
10
350
mV
mV
mV
tPD
Propagation Delay
(Note 7)
l
320
450
500
ns
ns
ΔtPD
Differential Propagation Delay
Between Channels
4
ns
tSKEW
Propagation Delay Skew
Between tPDLH/tPDHL
4
ns
tr
Output Rise Time
11
ns
tf
Output Fall Time
15
ns
fMAX
Maximum Toggle Frequency
3.2
MHz
ISC
Short-Circuit Current
V + = 5V
±250
mA
The
l denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, VCM = 1.5V, COUT = 20pF, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum. This depends on the power supply voltage and
how many comparators are shorted. The θJA specified for the DC and
TS packages is with minimal PCB heat spreading metal. Using expanded
metal area on all layers of a board reduces this value.
Note 3: The LTC6702C and LTC6702I are guaranteed functional over
the temperature range of –40°C to 85°C. The LTC6702H is guaranteed
functional over the operating temperature range of –40°C to 125°C.
Note 4: The LTC6702C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6702C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but is not tested or
QA sampled at these temperatures. The LTC6702I is guaranteed to meet
specified performance from –40°C to 85°C. The LTC6702H is guaranteed
to meet specified performance from –40°C to 125°C.
Note 5: The LTC6702 comparators include internal hysteresis. The offset
voltage is defined as the average of the input voltages (trip points)
required to change the output in each direction minus VCM, while the
hysteresis voltage is the difference of these trip points.
Note 6: Output voltage swings are measured between the output and
power supply rails.
Note 7: Propagation delay is for 200mV steps, and 50mV of overdrive.
Overdrive is measured relative to the positive and negative trip points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com