Electronic Components Datasheet Search
  English  ▼

X  

LTC6702 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6702
Description  Tiny Micropower, Low Voltage Dual Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6702 Datasheet(HTML) 2 Page - Linear Technology

  LTC6702 Datasheet HTML 1Page - Linear Technology LTC6702 Datasheet HTML 2Page - Linear Technology LTC6702 Datasheet HTML 3Page - Linear Technology LTC6702 Datasheet HTML 4Page - Linear Technology LTC6702 Datasheet HTML 5Page - Linear Technology LTC6702 Datasheet HTML 6Page - Linear Technology LTC6702 Datasheet HTML 7Page - Linear Technology LTC6702 Datasheet HTML 8Page - Linear Technology LTC6702 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC6702
2
6702f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to GND) ........................................6V
Input Voltage...............................................................6V
Input Current........................................................–10mA
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range (Note 3)
LTC6702C ...........................................–40°C to 85°C
LTC6702I .............................................–40°C to 85°C
LTC6702H .........................................–40°C to 125°C
Specified Temperature Range (Note 4)
(Note 1)
TOP VIEW
OUT A
–IN A
+IN A
GND
V+
OUT B
–IN B
+IN B
DC PACKAGE
8-LEAD (2mm × 2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
A
B
TJMAX = 150°C, θJA = 102°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
OUT A
–IN A
+IN A
GND
V+
OUT B
–IN B
+IN B
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 130°C/W
ORDER INFORMATION
LTC6702C ............................................... 0°C to 70°C
LTC6702I .............................................–40°C to 85°C
LTC6702H .........................................–40°C to 125°C
Junction Temperature .......................................... 150°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT Packages................................................. 300°C
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6702CDC#TRMPBF
LTC6702CDC#TRPBF
LCZJ
8-Lead (2mm × 2mm) Plastic DFN
0°C to 70°C
LTC6702IDC#TRMPBF
LTC6702IDC#TRPBF
LCZJ
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LTC6702HDC#TRMPBF
LTC6702HDC#TRPBF
LCZJ
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LTC6702CTS8#TRMPBF
LTC6702CTS8#TRPBF
LTCZK
8-Lead Plastic TSOT-23
0°C to 70°C
LTC6702ITS8#TRMPBF
LTC6702ITS8#TRPBF
LTCZK
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC6702HTS8#TRMPBF
LTC6702HTS8#TRPBF
LTCZK
8-Lead Plastic TSOT-23
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com