Electronic Components Datasheet Search
  English  ▼

X  

LTC6908CS6-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6908CS6-2
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6908CS6-2 Datasheet(HTML) 1 Page - Linear Technology

  LTC6908CS6-2 Datasheet HTML 1Page - Linear Technology LTC6908CS6-2 Datasheet HTML 2Page - Linear Technology LTC6908CS6-2 Datasheet HTML 3Page - Linear Technology LTC6908CS6-2 Datasheet HTML 4Page - Linear Technology LTC6908CS6-2 Datasheet HTML 5Page - Linear Technology LTC6908CS6-2 Datasheet HTML 6Page - Linear Technology LTC6908CS6-2 Datasheet HTML 7Page - Linear Technology LTC6908CS6-2 Datasheet HTML 8Page - Linear Technology LTC6908CS6-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6908-1/LTC6908-2
1
690812fa
690812 TA01b
FREQUENCY
(FUNDAMENTAL AND HARMONICS SHOWN)
150kHz
0
–10
–20
–30
–40
0
–10
–20
–30
–40
30MHz
SSFM DISABLED
SSFM ENABLED
Resistor Set SOT-23
Oscillator with Spread
Spectrum Modulation
The LTC®6908 is an easy-to-use precision oscillator that
provides 2-outputs, shifted by either 180° or 90°. The
oscillator frequency is programmed by a single external
resistor (RSET)andspreadspectrumfrequencymodulation
(SSFM) can be activated for improved electromagnetic
compatibility (EMC) performance.
The LTC6908 operates with a single 2.7V to 5.5V supply
and provides rail-to-rail, 50% duty cycle square wave
outputs. A single resistor from 10k to 2M is used to select
an oscillator frequency from 50kHz to 10MHz (5V supply).
The oscillator can be easily programmed using the simple
formula outlined below:
fOUT =10MHz • 10k/RSET
The LTC6908’s SSFM capability modulates the output
frequency by a pseudorandom noise (PRN) signal to
decrease the peak electromagnetic radiation level and
improve EMC performance. The amount of frequency
spreading is fixed at ±10% of the center frequency. When
SSFM is enabled, the rate of modulation is selected by the
user. The three possible modulation rates are fOUT/16,
fOUT/32 and fOUT/64.
■ Switching Power Supply Clock Reference
■ Portable and Battery-Powered Equipment
■ Precision Programmable Oscillator
■ Charge Pump Driver
■ LTC6908-1: Complementary Outputs (0°/180°)
■ LTC6908-2: Quadrature Outputs (0°/90°)
■ 50kHz to 10MHz Frequency Range
■ One External Resistor Sets the Frequency
■ Optional Spread Spectrum Frequency Modulation
for Improved EMC Performance
■ ±10% Frequency Spreading
■ 400µA Supply Current Typical (V+ = 5V, 50kHz)
■ Frequency Error ≤1.5% Max (TA = 25°C, V+ = 3V)
■ ±40ppm/°C Temperature Stability
■ Fast Start-Up Time: 260µs Typical (1MHz)
■ Outputs Muted Until Stable
■ Operates from a Single 2.7V to 5.5V Supply
■ Available in Low Profile (1mm) ThinSOT and DFN
(2mm
× 3mm) Packages
APPLICATIO S
FEATURES
DESCRIPTIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
2.25MHz, 2.5V/8A Step-Down Regulator
TYPICAL APPLICATIO
CBYP
44.2k
OUT1
OUT2
fOUT = 10MHz • 10k/RSET
MOD
V+
GND
SET
690812 TA01a
SVIN TRACK
LTC3418
RT
CIN
100
µF
0.2
µH
LTC6908-1
RUN/SS
ITH
PGOOD
SW
PGND
SGND
SYNC/MODE VFB
PVIN
820pF
1000pF
0.1
µF
COUT
100
µF
×2
VOUT
2.5V
8A
4.32k
2k
41.2k
2.2M
VIN
2.8V TO 5.5V
4.99k
150kHz to 30MHz Output
Frequency Spectrum
(9kHz Res BW)


Similar Part No. - LTC6908CS6-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6908CS6-2TRMPBF AD-LTC6908CS6-2TRMPBF Datasheet
575Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
Rev. C
LTC6908CS6-2TRPBF AD-LTC6908CS6-2TRPBF Datasheet
575Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
Rev. C
More results

Similar Description - LTC6908CS6-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6909 LINER-LTC6909 Datasheet
282Kb / 20P
1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com