Electronic Components Datasheet Search
  English  ▼

X  

LTC6908CS6-2 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6908CS6-2
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6908CS6-2 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6908CS6-2 Datasheet HTML 8Page - Linear Technology LTC6908CS6-2 Datasheet HTML 9Page - Linear Technology LTC6908CS6-2 Datasheet HTML 10Page - Linear Technology LTC6908CS6-2 Datasheet HTML 11Page - Linear Technology LTC6908CS6-2 Datasheet HTML 12Page - Linear Technology LTC6908CS6-2 Datasheet HTML 13Page - Linear Technology LTC6908CS6-2 Datasheet HTML 14Page - Linear Technology LTC6908CS6-2 Datasheet HTML 15Page - Linear Technology LTC6908CS6-2 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC6908-1/LTC6908-2
12
690812fa
TYPICAL APPLICATIO S
Figure 8a. 1.1MHz, 1.8V/16A Step-Down Regulator
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
SVIN
TRACK
PGOOD
RUN/SS
ITH
RT
SGND
PGND
PGND
PGND
SYNC/MODE
1
2
11
12
20
21
30
31
25
38
37
36
34
33
32
19
18
17
16
3
4
9
10
22
23
28
29
24
35
5
7
26
6
8
13
14
15
27
SW
SW
SW
SW
SW
SW
SW
SW
VFB
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
VREF
LTC3418
L1
0.2
µH
C2
1000pF
X7R
COUT
100
µF
×4
CIN1
100
µF
×4
CSVIN1
1
µF
X7R
VIN
3.3V
VOUT
1.8V
16A
R1
2.55k
R2
2k
RPG1
100k
RSS1
2.2M
CSS1
1000pF
X7R
C1A
47pF
X7R
CITH
2200pF
X7R
CREF1
2.2
µF
X7R
RITH
2k
ROSC1 69.8k
RSVIN1
100
Ω
CSVIN2
1
µF
X7R
RSVIN2
100
Ω
CREF2
2.2
µF
X7R
C1B
47pF
X7R
690812 TA02
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
SVIN
TRACK
PGOOD
RUN/SS
ITH
RT
SGND
PGND
PGND
PGND
SYNC/MODE
1
2
11
12
20
21
30
31
25
38
37
36
34
33
32
19
18
17
16
3
4
9
10
22
23
28
29
24
35
5
7
26
6
8
13
14
15
27
SW
SW
SW
SW
SW
SW
SW
SW
VFB
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
VREF
LTC3418
L2
0.2
µH
CIN2
100
µF
×4
CIN1, CIN2, COUT: TDK C3225X5R0J107M
L1, L2: VISHAY DALE IHLP-2525CZ-01
RPG2
100k
ROSC2 69.8k
CBYP
90.9k
OUT1
OUT2
fOUT = 10MHz • 10k/RSET
MOD
V+
GND
SET
LTC6908-1
0.1
µF
VIN
2.8V TO 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com