Electronic Components Datasheet Search
  English  ▼

X  

LTC6908CS6-2 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6908CS6-2
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6908CS6-2 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6908CS6-2 Datasheet HTML 8Page - Linear Technology LTC6908CS6-2 Datasheet HTML 9Page - Linear Technology LTC6908CS6-2 Datasheet HTML 10Page - Linear Technology LTC6908CS6-2 Datasheet HTML 11Page - Linear Technology LTC6908CS6-2 Datasheet HTML 12Page - Linear Technology LTC6908CS6-2 Datasheet HTML 13Page - Linear Technology LTC6908CS6-2 Datasheet HTML 14Page - Linear Technology LTC6908CS6-2 Datasheet HTML 15Page - Linear Technology LTC6908CS6-2 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC6908-1/LTC6908-2
16
690812fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0506 REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1kHz to 33MHz ThinSOT Oscillator, Resistor Set
Wide Frequency Range
LTC6900
1kHz to 20MHz ThinSOT Oscillator, Resistor Set
Low Power, Wide Frequency Range
LTC6902
Multiphase Oscillator with Spread Spectrum Modulation
2-, 3-, or 4-Phase Outputs
LTC6903/LTC6904
1kHz to 68MHz Serial Port Programmable Oscillator
0.1% Frequency Resolution, I2C or SPI Interface
LTC6905
17MHz to 170MHz ThinSOT Oscillator, Resistor Set
High Frequency, 100µs Startup, 7ps RMS Jitter
LTC6905-XXX
Fixed Frequency ThinSOT Oscillators, Up to 133MHz
No Trim Components Required
LTC6906/LTC6907
Micropower ThinSOT Oscillator, Resistor Set
10kHz to 1MHz or 40kHz to 4MHz, 36µA at 400kHz
TYPICAL APPLICATIO
RELATED PARTS
Doubling the Output Frequency
Quick Evaluation Circuit for Effects Of Frequency Spreading
Modulation Rate. (DFN Package Demo Board DC814D-J/K)
RSET
OUT1
OUT2
MOD
OUT2
OUT1
V+
GND
SET
690812 TA05a
LTC6908-X
0.1
µF
1nF
V+
V+
JUMPER
BLOCK
N = 16
N = 32
N = 64
RSET
OUT1
OUT2
MOD
OUT
NC7SZ86
V+
GND
SET
690812 TA05b
LTC6908-2
0.1
µF
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com