Electronic Components Datasheet Search
  English  ▼

X  

LTM4601 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4601
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 8Page - Linear Technology LTM4601 Datasheet HTML 9Page - Linear Technology LTM4601 Datasheet HTML 10Page - Linear Technology LTM4601 Datasheet HTML 11Page - Linear Technology LTM4601 Datasheet HTML 12Page - Linear Technology LTM4601 Datasheet HTML 13Page - Linear Technology LTM4601 Datasheet HTML 14Page - Linear Technology LTM4601 Datasheet HTML 15Page - Linear Technology LTM4601 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM4601/LTM4601-1
12
4601f
APPLICATIO S I FOR ATIO
Multiphase operation with multiple LTM4601 devices in
parallel will lower the effective output ripple current due to
the interleaving operation of the regulators. For example,
each LTM4601’s inductor current of a 12V to 2.5V multi-
phase design can be read from the Inductor Ripple Current
verses Duty Cycle graph (Figure 3). The large ripple current
at low duty cycle and high output voltage can be reduced
by adding an external resistor from fSET to ground which
increases the frequency. If the duty cycle is DC = 2.5V/12V
= 0.21, the inductor ripple current for 2.5V output at 21%
duty cycle is ~6A in Figure 3.
Figure 4 provides a ratio of peak-to-peak output ripple cur-
rent to the inductor current as a function of duty cycle and
the number of paralleled phases. Pick the corresponding
duty cycle and the number of phases to arrive at the correct
output ripple current ratio value. If a 2-phase operation is
chosen at a duty cycle of 21%, then 0.6 is the ratio. This
0.6 ratio of output ripple current to inductor ripple of 6A
equals 3.6A of effective output ripple current. Refer to Ap-
plication Note 77 for a detailed explanation of output ripple
current reduction as a function of paralleled phases.
The output voltage ripple has two components that are
related to the amount of bulk capacitance and effective
series resistance (ESR) of the output bulk capacitance.
Therefore, the output voltage ripple can be calculated with
the known effective output ripple current. The equation:
ΔVOUT(P-P) ≈ (ΔIL/(8 • f • m • COUT) + ESR • ΔIL), where f
Figure 4. Normalized Output Ripple Current vs Duty Cycle, Dlr = VOT/LI, Dlr = Each Phase’s Inductor Current
DUTY CYCLE (VO/VIN)
0.1
0.15 0.2 0.25
0.35
0.3
0.4 0.45
0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4601 F04
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
Figure 3. Inductor Ripple Current vs Duty Cycle
DUTY CYCLE (VOUT/VIN)
0
0
2
4
6
8
10
12
20
40
60
80
4601 F03
2.5V OUTPUT
5V OUTPUT
1.8V OUTPUT
1.5V OUTPUT
1.2V OUTPUT
3.3V OUTPUT WITH
130k ADDED FROM
VOUT TO fSET
5V OUTPUT WITH
100k ADDED FROM
fSET TO GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com