Electronic Components Datasheet Search
  English  ▼

X  

LTM4601 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4601
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 11Page - Linear Technology LTM4601 Datasheet HTML 12Page - Linear Technology LTM4601 Datasheet HTML 13Page - Linear Technology LTM4601 Datasheet HTML 14Page - Linear Technology LTM4601 Datasheet HTML 15Page - Linear Technology LTM4601 Datasheet HTML 16Page - Linear Technology LTM4601 Datasheet HTML 17Page - Linear Technology LTM4601 Datasheet HTML 18Page - Linear Technology LTM4601 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTM4601/LTM4601-1
15
4601f
Figure 7. 1.5V Power Loss
Figure 8. 3.3V Power Loss
Figure 9. No Heat Sink 5VIN
OUTPUT CURRENT (A)
0
0
1.0
2.0
3.0
2
4
68
4601 F07
10
4.0
5.0
0.5
1.5
2.5
3.5
4.5
12
20V LOSS
12V LOSS
5V LOSS
APPLICATIO S I FOR ATIO
Figure 10. BGA Heat Sink 5VIN
OUTPUT CURRENT (A)
0
0
1
2
3
4
6
2
46
8
4601 F08
10
12
5
20V LOSS
12V LOSS
AMBIENT TEMPERATURE (
°C)
50
0
2
4
6
8
10
12
60
70
80
90
4600 F09
100
5VIN, 1.5VOUT 0LFM
5VIN, 1.5VOUT 200LFM
5VIN, 1.5VOUT 400LFM
AMBIENT TEMPERATURE (
°C)
50
0
2
4
6
8
10
12
60
70
80
90
4601 F10
100
5VIN, 1.5VOUT 0LFM
5VIN, 1.5VOUT 200LFM
5VIN, 1.5VOUT 400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com