Electronic Components Datasheet Search
  English  ▼

X  

LTM4608A Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4608A
Description  Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608A Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4608A Datasheet HTML 10Page - Linear Technology LTM4608A Datasheet HTML 11Page - Linear Technology LTM4608A Datasheet HTML 12Page - Linear Technology LTM4608A Datasheet HTML 13Page - Linear Technology LTM4608A Datasheet HTML 14Page - Linear Technology LTM4608A Datasheet HTML 15Page - Linear Technology LTM4608A Datasheet HTML 16Page - Linear Technology LTM4608A Datasheet HTML 17Page - Linear Technology LTM4608A Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM4608A
14
4608afa
APPLICATIONS INFORMATION
the SGND at only one point. Figure 19 shows a schematic
of the parallel design. The FB pins of the parallel module
are tied together. With parallel operation, input and out-
put capacitors may be reduced in part according to the
operating duty cycle.
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current can-
cellation mathematical derivations are presented, and a
graph is displayed representing the RMS ripple current
reduction as a function of the number of interleaved phases.
Figure 4 shows this graph.
Spread Spectrum Operation
Switching regulators can be particularly troublesome
where electromagnetic interference (EMI) is concerned.
Switching regulators operate on a cycle-by-cycle basis to
transfer power to an output. In most cases, the frequency
of operation is fixed based on the output load. This method
of conversion creates large components of noise at the
frequency of operation (fundamental) and multiples of the
operating frequency (harmonics).
To reduce this noise, the LTM4608A can run in spread
spectrum operation by tying the CLKIN pin to SVIN. In
spread spectrum operation, the LTM4608A’s internal
oscillator is designed to produce a clock pulse whose
period is random on a cycle-by-cycle basis but fixed
between 70% and 130% of the nominal frequency. This
has the benefit of spreading the switching noise over a
range of frequencies, thus significantly reducing the peak
noise. Spread spectrum operation is disabled if CLKIN is
tied to ground or if it’s driven by an external frequency
synchronization signal. A capacitor value of 0.01μF must
be placed from the PLLLPF pin to ground to control the
slew rate of the spread spectrum frequency change.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK pin. The output can be tracked up and
down with another regulator. The master regulator’s output
is divided down with an external resistor divider that is the
DUTY FACTOR (VO/VIN)
0.1 0.15
0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4608A F04
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
Figure 4. Normalized Input RMS Ripple Current vs Duty Factor for One to Six Phases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com