Electronic Components Datasheet Search
  English  ▼

X  

LTM4608A Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4608A
Description  Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608A Datasheet(HTML) 2 Page - Linear Technology

  LTM4608A Datasheet HTML 1Page - Linear Technology LTM4608A Datasheet HTML 2Page - Linear Technology LTM4608A Datasheet HTML 3Page - Linear Technology LTM4608A Datasheet HTML 4Page - Linear Technology LTM4608A Datasheet HTML 5Page - Linear Technology LTM4608A Datasheet HTML 6Page - Linear Technology LTM4608A Datasheet HTML 7Page - Linear Technology LTM4608A Datasheet HTML 8Page - Linear Technology LTM4608A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM4608A
2
4608afa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SVIN ...................................................... –0.3V to 6V
CLKOUT ....................................................... –0.3V to 2V
PGOOD, PLLLPF, CLKIN, PHMODE, MODE . –0.3V to VIN
ITH, ITHM, RUN, FB, TRACK,MGN, BSEL ..... –0.3V to VIN
VOUT, SW ...................................... –0.3V to (VIN + 0.3V)
Internal Operating Temperature Range (Note 2)
E and I Grades........................................ –40°C to 125°C
MP Grade............................................... –55°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
(Note 1)
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
●
2.7
5.5
V
VOUT(DC)
Output Voltage, Total Variation
with Line and Load
CIN = 10μF × 1, COUT = 100μF Ceramic,
100μF POSCAP, RFB = 6.65k
VIN = 2.7V to 5.5V, IOUT = IOUT(DC)MIN to
IOUT(DC)MAX (Note 3)
●
1.472
1.464
1.49
1.49
1.508
1.516
V
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout Threshold SVIN Rising
SVIN Falling
2.05
1.85
2.2
2.0
2.35
2.15
V
V
The ● denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 5V unless otherwise noted. See Figure 1.
LEAD FREE FINISH
TRAY
PART
MARKING*
PACKAGE DESCRIPTION
INTERNAL TEMPERATURE RANGE (NOTE 2)
LTM4608AEV#PBF
LTM4608AEV#PBF
LTM4608AV
68-Lead (15mm × 9mm × 2.8mm) LGA –40°C to 125°C
LTM4608AIV#PBF
LTM4608AIV#PBF
LTM4608AV
68-Lead (15mm × 9mm × 2.8mm) LGA –40°C to 125°C
LTM4608AMPV#PBF LTM4608AMPV#PBF LTM4608AMPV
68-Lead (15mm × 9mm × 2.8mm) LGA –55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
GND
GND
GND
SW
A
1
2
3
4
5
6
7
8
9
10
11
BC
D
LGA PACKAGE
68-PIN (15mm × 9mm × 2.8mm)
EF
G
CNTRL
CNTRL
VOUT
VIN
TOP VIEW
TJMAX = 125°C, θJA = 25°C/W, θJP = 7°C/W, θJC = 50°C/W, WEIGHT = 1.0g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com