Electronic Components Datasheet Search
  English  ▼

X  

LTM4608A Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4608A
Description  Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608A Datasheet(HTML) 5 Page - Linear Technology

  LTM4608A Datasheet HTML 1Page - Linear Technology LTM4608A Datasheet HTML 2Page - Linear Technology LTM4608A Datasheet HTML 3Page - Linear Technology LTM4608A Datasheet HTML 4Page - Linear Technology LTM4608A Datasheet HTML 5Page - Linear Technology LTM4608A Datasheet HTML 6Page - Linear Technology LTM4608A Datasheet HTML 7Page - Linear Technology LTM4608A Datasheet HTML 8Page - Linear Technology LTM4608A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM4608A
5
4608afa
VIN (V)
0
1.5
2.0
2.5
3
5
4608A G06
1.0
0.5
0
12
4
3.0
3.5
4.0
6
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
IOUT = 5A
VIN (V)
0
1.5
2.0
2.5
3
5
4608A G05
1.0
0.5
0
12
4
3.0
3.5
4.0
6
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
IOUT = 8A
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
Burst Mode Efficiency with
5V Input
VIN to VOUT Step-Down Ratio
Supply Current vs VIN
Load Transient Response
Load Transient Response
Efficiency vs Load Current
Efficiency vs Load Current
LOAD CURRENT
0
70
75
80
85
90
95
100
24
6
8
4608A G01
5VIN 1.2VOUT
5VIN 1.5VOUT
5VIN 1.8VOUT
5VIN 2.5VOUT
5VIN 3.3VOUT
CONTINUOUS MODE
LOAD CURRENT
0
70
75
80
85
90
95
100
2468
4608A G02
3.3VIN 1.2VOUT
3.3VIN 1.5VOUT
3.3VIN 1.8VOUT
3.3VIN 2.5VOUT
CONTINUOUS MODE
LOAD CURRENT (A)
0
90
95
100
2
4
5
4608A G03
80
70
85
75
1
3
6
7
2.7VIN 1.0VOUT
2.7VIN 1.5VOUT
2.7VIN 1.8VOUT
CONTINUOUS MODE
VIN to VOUT Step-Down Ratio
LOAD CURRENT (A)
40
60
80
100
50
70
90
0.2
0.4
0.6
0.8
4608A G04
1.1
1.0
0.1
0
0.3
0.5
0.7
0.9
VOUT = 1.5V
VOUT = 2.5V
VOUT = 3.3V
INPUT VOLTAGE (V)
2.5
4.5
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
4608A G07
3.5
3
5
4
5.5
VO = 1.2V PULSE-SKIPPING MODE
VO = 1.2V BURST MODE
ILOAD
1A/DIV
VIN
2V/DIV
VOUT
20mV/DIV
AC COUPLED
20μs/DIV
VIN = 5V
VOUT = 3.3V, RFB = 2.21k
2A/μs STEP
COUT = 100μF X5R
C1 = 100pF, C3 = 22pF FROM FIGURE 18
4608A G08
20μs/DIV
VIN = 5V
VOUT = 2.5V, RFB = 3.09k
2.5A/μs STEP
COUT = 100μF X5R
C1 = 120pF, C3 = 47pF FROM FIGURE 18
4608A G09
ILOAD
2A/DIV
VOUT
20mV/DIV
AC COUPLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com