Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4612
Description  Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4612 Datasheet(HTML) 5 Page - Linear Technology

  LTM4612 Datasheet HTML 1Page - Linear Technology LTM4612 Datasheet HTML 2Page - Linear Technology LTM4612 Datasheet HTML 3Page - Linear Technology LTM4612 Datasheet HTML 4Page - Linear Technology LTM4612 Datasheet HTML 5Page - Linear Technology LTM4612 Datasheet HTML 6Page - Linear Technology LTM4612 Datasheet HTML 7Page - Linear Technology LTM4612 Datasheet HTML 8Page - Linear Technology LTM4612 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM4612
5
4612f
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current with
3.3VOUT (FCB = 0)
Efficiency vs Load Current with
5VOUT (FCB = 0)
Efficiency vs Load Current with
12VOUT (FCB = 0)
Efficiency vs Load Current with
15VOUT (FCB = 0, Refer to Figure 20)
Transient Response from 12VIN
to 3.3VOUT
Transient Response from 12VIN
to 5VOUT
Transient Response from 24VIN
to 12VOUT
Start-Up with 24VIN to 12VOUT
at IOUT = 0A
Start-Up with 24VIN to 12VOUT at
IOUT = 5A
(Refer to Figure 18)
LOAD CURRENT (A)
0
70
95
100
1
2
3
60
85
65
90
55
50
80
75
4
5
4612 G01
5VIN 3.3VOUT
12VIN 3.3VOUT
24VIN 3.3VOUT
36VIN 3.3VOUT
LOAD CURRENT (A)
0
70
95
1
2
3
60
85
65
90
55
50
80
75
4
5
4612 G02
12VIN 5VOUT
24VIN 5VOUT
36VIN 5VOUT
LOAD CURRENT (A)
0
70
95
100
1
2
3
60
85
65
90
55
50
80
75
4
5
4612 G03
20VIN 12VOUT
24VIN 12VOUT
28VIN 12VOUT
36VIN 12VOUT
LOAD CURRENT (A)
0
70
100
95
1
2
3
60
85
65
90
80
75
4
5
4612 G04
28VIN 15VOUT
32VIN 15VOUT
36VIN 15VOUT
50μs/DIV
2A/DIV
100mV/DIV
4612 G05
LOAD STEP: 0A to 3A
COUT = 2 22μF CERAMIC CAPACITORS AND
2
47μF CERAMIC CAPACITORS
50μs/DIV
2A/DIV
100mV/DIV
4612 G06
LOAD STEP: 0A to 3A
COUT = 2 22μF CERAMIC CAPACITORS AND
2
47μF CERAMIC CAPACITORS
50μs/DIV
2A/DIV
200mV/
DIV
4612 G07
LOAD STEP: 0A to 3A
COUT = 2 22μF CERAMIC CAPACITORS AND
2
47μF CERAMIC CAPACITORS
500μs/DIV
IIN
0.2A/DIV
VOUT
5V/DIV
4612 G08
SOFT-START CAPACITOR: 3.9nF
CIN = 3 10μF CERAMIC CAPACITORS AND
1
47μF OSCON CAPACITOR
500μs/DIV
IIN
1A/DIV
VOUT
5V/DIV
4612 G09
SOFT-START CAPACITOR: 3.9nF
CIN = 3 10μF CERAMIC CAPACITORS AND
1
47μF OSCON CAPACITOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com