Electronic Components Datasheet Search
  English  ▼

X  

SIM765170 Datasheet(PDF) 2 Page - celduc-relais

Part # SIM765170
Description  AC Semiconductor Contactor pitch 45mm compact size and DIN rail mounting.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SIM765170 Datasheet(HTML) 2 Page - celduc-relais

  SIM765170 Datasheet HTML 1Page - celduc-relais SIM765170 Datasheet HTML 2Page - celduc-relais SIM765170 Datasheet HTML 3Page - celduc-relais SIM765170 Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
Control characteristics (at 25°C)
DC
Paramètre / Parameter
Symbol
Min
Nom
Max
Unit
Control voltage
Uc
3,5
5-12-24
32
V
Control current (@ Uc )
Ic
<10
<10
<10
mA
Release voltage
Uc off
2
V
Input LED
green
Reverse voltage
Urv
32
V
Clamping voltage
Uclamp
42
V
Input immunity : EN61000-4-4
2kV
Input immunity : EN61000-4-5
2KV
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
0
0
2
4
6
8
10
12
0
Uc ( VDC)
Output characteristics (at 20°C)
Parameter
Conditions
Symbol
Typ.
Unit
Load voltage
Ue
400
V rms
Operating range
Uemin-max
24-510
V rms
Peak voltage
Up
1200
V
Clamping voltage
Uclamp
820 (@1mA)
V
Zero cross level
Usync
random
V
Latching voltage
Ie nom
Ua
8
V
AC-51 nominal current : permanent
( see Fig. 2 page 3)
Ie AC-51
40
A rms
AC-53 nominal current
Ie AC-53
12
A rms
Non repetitive overload current
tp=10ms (Fig. 3)
Itsm
550
A
On state voltage drop (typical value)
@ 25°C
Vt
0,9
V
Dynamic resistance (typical value)
rt
8
m
Ω
Output Power dissipation (typical value)
Pd
0,81xIe+0,08xIe
2
W
Thermal resistance between junction to air
Rthj/a
2,6 (2)
K/W
Off state leakage current
@Ue, 50Hz
Ilk
<1
mA
Minimum load current
Iemin
5
mA
Turn on time
Uc nom DC ,f=50Hz
ton max
0,1
ms
Turn off time
Uc nom DC ,f=50Hz
toff max
10
ms
Operating frequency range
f
0,1-440
Hz
Off state dv/dt
dv/dt
500
V/µs
Maximum di/dt non repetitive
di/dt
50
A/µs
I2t (<10ms)
I
2t
1500
A
2s
Conducted immunity level
IEC 1000-4-4 (burst)
4kV criterion A
Conducted immunity level
IEC 1000-4-5(schocks)
4kV criterion A
Short circuit protection
FERRAZ
gRC 25A/32A/50A/63A 14x51
Input : Ic = f( Uc)
page 2 / 4GB
S/CLP/SIM765170/B/21/04/2004
celpac®
General characteristics (at 20°C)
Input to output insulation
Ui
4000
VRMS
Output to case insulation
Ui
4000
VRMS
Insulation resistance
Ri
100 (@500VDC)
M
Ω
Rated impulse voltage
Uimp
4000
V
Protection level / CEI529
-
IP20
Pollution degree
-
2
Vibration resistance 10 -55 Hz according to CEI68 :
double amplitude
1,5
mm
Shocks resistance according to CEI68 ( on DIN rail / with screws)
-
30/50
g
Ambient temperature (with no icing or condensation)
-
-30 /+80
°C
Storage temperature (with no icing or condensation)
-30/+100
°C
Ambient humidity
HR
40 to 85
%
Weight
380
g
Conformity
EN60947-4-3 (IEC947-4-3)
Conformity
EN60950 UL/cUL pending



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com