Electronic Components Datasheet Search
  English  ▼

X  

SIM765170 Datasheet(PDF) 3 Page - celduc-relais

Part # SIM765170
Description  AC Semiconductor Contactor pitch 45mm compact size and DIN rail mounting.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SIM765170 Datasheet(HTML) 3 Page - celduc-relais

  SIM765170 Datasheet HTML 1Page - celduc-relais SIM765170 Datasheet HTML 2Page - celduc-relais SIM765170 Datasheet HTML 3Page - celduc-relais SIM765170 Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
Thermal specifications .
Current according ambient temperature :
Ø
The curve "1" gives the limits of the product.
The temperature reached are acceptable for the com-
ponents. These values are in compliance with most of
SSRs manufacturers.
In a cabinet with a minimum of ventilation or a non
permanent current, these values are correct.
Ø
The curve "2" gives the limits of the product
according to EN60947-4-3 with a maximum rise
temperature of 50°C (@40°C) for a permanent work-
ing and in air calm ( test during 8 hours).
Ø
For a non permanent current, you can calcule
the average power = Pd x duty cycle and check the
rise temperature : Tj = Pd x Rthj/a (Pd and Rthj/a are
given page 2)). The junction temperature must not
exceed 125°C at the maximum ambient temperature.
The maximum current is limited to the size of the
thyristors = 50A.
Ø
The thermal constant (Cth) of the product is 9
minutes. That means the rise temperature is only 63%
of the stabilized temperature after a running time of
9 minutes.
1
10
1
0,1
0,01
0
200
400
600
0
t (s)
No repetive surge current without voltage reapplied.
Repetive surge current with voltage reapplied.
Fig.3 Surge current : Itsm (Apeak) = f(t) for 50A models with Itsm =550A
Overload current .
1 - No repetitive Itsm is given without voltage
reapplied . This curve is used for the
determination of the protection.
2 - Repetitive Itsm is given for inrush current
with initial Tj = 70°C. In normal working , this
curve musn't be exceed. Be carefull, the
repetition of the surge current decrease the
lifetime SSR's .
M5
12,7mm
M4
88±2mm
Ø
Warning ! semiconductor relays don't provide any galvanic insulation between the load and the mains. Always use in
conjunction with an adapted circuit breaker with isolation feature or a similar device in order to ensure a reliable isolation in the
event of wrong function and when the relay must be insulated from the mains (maintenance ; if not used for a long duration ...).
page 3 / 4/GB
S/CLP/SIM765170/B/21/04/2004
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85
0
0
5
10
15
20
25
30
35
40
45
0
Tambient (°C)
2
1
Mounting and dismounting on DIN rail without any tool.
Panel Mounting
DIN rail connected to
protection wire (ground) .
Mounting
Dismounting
celpac®
fig 2
fig 3
2
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com