Electronic Components Datasheet Search
  English  ▼

X  

LTC2248 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2248
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2248 Datasheet HTML 12Page - Linear Technology LTC2248 Datasheet HTML 13Page - Linear Technology LTC2248 Datasheet HTML 14Page - Linear Technology LTC2248 Datasheet HTML 15Page - Linear Technology LTC2248 Datasheet HTML 16Page - Linear Technology LTC2248 Datasheet HTML 17Page - Linear Technology LTC2248 Datasheet HTML 18Page - Linear Technology LTC2248 Datasheet HTML 19Page - Linear Technology LTC2248 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC2248/LTC2247/LTC2246
16
224876fa
For input frequencies above 70MHz, the input circuits of
Figure 6, 7 and 8 are recommended. The balun trans-
former gives better high frequency response than a flux
coupled center tapped transformer. The coupling capaci-
tors allow the analog inputs to be DC biased at 1.5V. In
Figure 8, the series inductors are impedance matching
elements that maximize the ADC bandwidth.
APPLICATIO S I FOR ATIO
Figure 6. Recommended Front End Circuit for
Input Frequencies Between 70MHz and 170MHz
25
Ω
25
Ω
12
Ω
12
Ω
0.1
µF
AIN
+
AIN
–
8pF
2.2
µF
VCM
LTC2248/47/46
ANALOG
INPUT
0.1
µF
0.1
µF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
224876 F06
Figure 8. Recommended Front End Circuit for
Input Frequencies Above 300MHz
25
Ω
25
Ω
0.1
µF
AIN
+
AIN
–
2.2
µF
VCM
LTC2248/47/46
ANALOG
INPUT
0.1
µF
0.1
µF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
224876 F07
25
Ω
25
Ω
0.1
µF
AIN
+
AIN
–
2.2
µF
VCM
LTC2248/47/46
ANALOG
INPUT
0.1
µF
0.1
µF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS, INDUCTORS
ARE 0402 PACKAGE SIZE
224876 F08
6.8nH
6.8nH
Figure 7. Recommended Front End Circuit for
Input Frequencies Between 170MHz and 300MHz
VCM
REFH
SENSE
TIE TO VDD FOR 2V RANGE;
TIE TO VCM FOR 1V RANGE;
RANGE = 2 • VSENSE FOR
0.5V < VSENSE < VCM •
1.5V
REFL
2.2
µF
2.2
µF
INTERNAL ADC
HIGH REFERENCE
BUFFER
0.1
µF
224876 F09
LTC2248/47/46
4
Ω
DIFF AMP
1
µF
1
µF
INTERNAL ADC
LOW REFERENCE
1.5V BANDGAP
REFERENCE
1V
0.5V
RANGE
DETECT
AND
CONTROL
1.1
1.5
Figure 9. Equivalent Reference Circuit
Reference Operation
Figure 9 shows the LTC2248/LTC2247/LTC2246 refer-
ence circuitry consisting of a 1.5V bandgap reference, a
difference amplifier and switching and control circuit. The
internal voltage reference can be configured for two pin
selectable input ranges of 2V (
±1V differential) or 1V
(
±0.5V differential). Tying the SENSE pin to VDD selects
the 2V range; tying the SENSE pin to VCM selects the 1V
range.
The 1.5V bandgap reference serves two functions: its
output provides a DC bias point for setting the common
mode voltage of any external input circuitry; additionally,
the reference is used with a difference amplifier to gener-
ate the differential reference levels needed by the internal
ADC circuitry. An external bypass capacitor is required for
the 1.5V reference output, VCM. This provides a high
frequency low impedance path to ground for internal and
external circuitry.
The difference amplifier generates the high and low refer-
ence for the ADC. High speed switching circuits are
connected to these outputs and they must be externally
bypassed. Each output has two pins. The multiple output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com