Electronic Components Datasheet Search
  English  ▼

X  

LTC2248 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2248
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2248 Datasheet HTML 16Page - Linear Technology LTC2248 Datasheet HTML 17Page - Linear Technology LTC2248 Datasheet HTML 18Page - Linear Technology LTC2248 Datasheet HTML 19Page - Linear Technology LTC2248 Datasheet HTML 20Page - Linear Technology LTC2248 Datasheet HTML 21Page - Linear Technology LTC2248 Datasheet HTML 22Page - Linear Technology LTC2248 Datasheet HTML 23Page - Linear Technology LTC2248 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2248/LTC2247/LTC2246
24
224876fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2004
LT 0106 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1748
14-Bit, 80Msps, 5V ADC
76.3dB SNR, 90dB SFDR, 48-Pin TSSOP Package
LTC1750
14-Bit, 80Msps, 5V Wideband ADC
Up to 500MHz IF Undersampling, 90dB SFDR
LT1993-2
High Speed Differential Op Amp
800MHz BW, 70dBc Distortion at 70MHz, 6dB Gain
LT1994
Low Noise, Low Distortion Fully Differential
Low Distortion: –94dBc at 1MHz
Input/Output Amplifier/Driver
LTC2202
16-Bit, 10Msps, 3.3V ADC, Lowest Noise
150mW, 81.6dB SNR, 100dB SFDR, 48-Pin QFN
LTC2208
16-Bit, 130Msps, 3.3V ADC, LVDS Outputs
1250mW, 78dB SNR, 100dB SFDR, 64-Pin QFN
LTC2220-1
12-Bit, 185Msps, 3.3V ADC, LVDS Outputs
910mW, 67.7dB SNR, 80dB SFDR, 64-Pin QFN
LTC2224
12-Bit, 135Msps, 3V ADC, High IF Sampling
630mW, 67.6dB SNR, 84dB SFDR, 48-Pin QFN
LTC2225
12-Bit, 10Msps, 3V ADC, Lowest Power
60mW, 71.3dB SNR, 90dB SFDR, 32-Pin QFN
LTC2226
12-Bit, 25Msps, 3V ADC, Lowest Power
75mW, 71.4dB SNR, 90dB SFDR, 32-Pin QFN
LTC2227
12-Bit, 40Msps, 3V ADC, Lowest Power
120mW, 71.4dB SNR, 90dB SFDR, 32-Pin QFN
LTC2228
12-Bit, 65Msps, 3V ADC, Lowest Power
205mW, 71.3dB SNR, 90dB SFDR, 32-Pin QFN
LTC2229
12-Bit, 80Msps, 3V ADC, Lowest Power
211mW, 70.6dB SNR, 90dB SFDR, 32-Pin QFN
LTC2236
10-Bit, 25Msps, 3V ADC, Lowest Power
75mW, 61.8dB SNR, 85dB SFDR, 32-Pin QFN
LTC2237
10-Bit, 40Msps, 3V ADC, Lowest Power
120mW, 61.8dB SNR, 85dB SFDR, 32-Pin QFN
LTC2238
10-Bit, 65Msps, 3V ADC, Lowest Power
205mW, 61.8dB SNR, 85dB SFDR, 32-Pin QFN
LTC2239
10-Bit, 80Msps, 3V ADC, Lowest Power
211mW, 61.8dB SNR, 85dB SFDR, 32-Pin QFN
LTC2245
14-Bit, 10Msps, 3V ADC, Lowest Power
60mW, 74.4dB SNR, 90dB SFDR, 32-Pin QFN
LTC2246
14-Bit, 25Msps, 3V ADC, Lowest Power
75mW, 74.5dB SNR, 90dB SFDR, 32-Pin QFN
LTC2247
14-Bit, 40Msps, 3V ADC, Lowest Power
120mW, 74.4dB SNR, 90dB SFDR, 32-Pin QFN
LTC2248
14-Bit, 65Msps, 3V ADC, Lowest Power
205mW, 74.3dB SNR, 90dB SFDR, 32-Pin QFN
LTC2249
14-Bit, 80Msps, 3V ADC, Lowest Power
222mW, 73dB SNR, 90dB SFDR, 32-Pin QFN
LTC2250
10-Bit, 105Msps, 3V ADC, Lowest Power
320mW, 61.6dB SNR, 85dB SFDR, 32-Pin QFN
LTC2251
10-Bit, 125Msps, 3V ADC, Lowest Power
395mW, 61.6dB SNR, 85dB SFDR, 32-Pin QFN
LTC2252
12-Bit, 105Msps, 3V ADC, Lowest Power
320mW, 70.2dB SNR, 88dB SFDR, 32-Pin QFN
LTC2253
12-Bit, 125Msps, 3V ADC, Lowest Power
395mW, 70.2dB SNR, 88dB SFDR, 32-Pin QFN
LTC2254
14-Bit, 105Msps, 3V ADC, Lowest Power
320mW, 72.4dB SNR, 88dB SFDR, 32-Pin QFN
LTC2255
14-Bit, 125Msps, 3V ADC, Lowest Power
395mW, 72.5dB SNR, 88dB SFDR, 32-Pin QFN
LTC2284
14-Bit, Dual, 105Msps, 3V ADC, Low Crosstalk
540mW, 72.4dB SNR, 88dB SFDR, 64-Pin QFN
LT5512
DC-3GHz High Signal Level Downconverting Mixer
DC to 3GHz, 21dBm IIP3, Integrated LO Buffer
LT5514
Ultralow Distortion IF Amplifier/ADC Driver
450MHz to 1dB BW, 47dB OIP3,
with Digitally Controlled Gain
Digital Gain Control 10.5dB to 33ddB in 1.5dB/Step
LT5515
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
High IIP3: 20dBm at 1.9GHz,
Integrated LO Quadrature Generator
LT5516
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
High IIP3: 21.5dBm at 900MHz,
Integrated LO Quadrature Generator
LT5517
40MHz to 900MHz Direct Conversion Quadrature Demodulator
High IIP3: 21dBm at 800MHz,
Integrated LO Quadrature Generator
LT5522
600MHz to 2.7GHz High Linearity Downconverting Mixer
4.5V to 5.25V Supply, 25dBm IIP3 at 900MHz,
NF = 12.5dB, 50
Ω Single-Ended RF and LO Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com