Electronic Components Datasheet Search
  English  ▼

X  

LTC2248 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2248
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2248 Datasheet HTML 16Page - Linear Technology LTC2248 Datasheet HTML 17Page - Linear Technology LTC2248 Datasheet HTML 18Page - Linear Technology LTC2248 Datasheet HTML 19Page - Linear Technology LTC2248 Datasheet HTML 20Page - Linear Technology LTC2248 Datasheet HTML 21Page - Linear Technology LTC2248 Datasheet HTML 22Page - Linear Technology LTC2248 Datasheet HTML 23Page - Linear Technology LTC2248 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC2248/LTC2247/LTC2246
20
224876fa
Grounding and Bypassing
The LTC2248/LTC2247/LTC2246 requires a printed cir-
cuit board with a clean, unbroken ground plane. A multi-
layer board with an internal ground plane is recom-
mended. Layout for the printed circuit board should en-
sure that digital and analog signal lines are separated as
much as possible. In particular, care should be taken not
to run any digital track alongside an analog signal track or
underneath the ADC.
High quality ceramic bypass capacitors should be used at
the VDD, OVDD, VCM, REFH, and REFL pins. Bypass capaci-
tors must be located as close to the pins as possible. Of
particular importance is the 0.1
µF capacitor between
REFH and REFL. This capacitor should be placed as close
to the device as possible (1.5mm or less). A size 0402
ceramic capacitor is recommended. The large 2.2
µF ca-
pacitor between REFH and REFL can be somewhat further
away. The traces connecting the pins and bypass capaci-
tors must be kept short and should be made as wide as
possible.
The LTC2248/LTC2247/LTC2246 differential inputs should
run parallel and close to each other. The input traces
should be as short as possible to minimize capacitance
and to minimize noise pickup.
Heat Transfer
Most of the heat generated by the LTC2248/LTC2247/
LTC2246 is transferred from the die through the bottom-
side exposed pad and package leads onto the printed
circuit board. For good electrical and thermal perfor-
mance, the exposed pad should be soldered to a large
grounded pad on the PC board. It is critical that all ground
pins are connected to a ground plane of sufficient area.
Clock Sources for Undersampling
Undersampling raises the bar on the clock source and the
higher the input frequency, the greater the sensitivity to
clock jitter or phase noise. A clock source that degrades
SNR of a full-scale signal by 1dB at 70MHz will degrade
SNR by 3dB at 140MHz, and 4.5dB at 190MHz.
In cases where absolute clock frequency accuracy is
relatively unimportant and only a single ADC is required,
a 3V canned oscillator from vendors such as Saronix or
Vectron can be placed close to the ADC and simply
connected directly to the ADC. If there is any distance to
the ADC, some source termination to reduce ringing that
may occur even over a fraction of an inch is advisable. You
must not allow the clock to overshoot the supplies or
performance will suffer. Do not filter the clock signal with
a narrow band filter unless you have a sinusoidal clock
source, as the rise and fall time artifacts present in typical
digital clock signals will be translated into phase noise.
The lowest phase noise oscillators have single-ended
sinusoidal outputs, and for these devices the use of a filter
close to the ADC may be beneficial. This filter should be
close to the ADC to both reduce roundtrip reflection times,
as well as reduce the susceptibility of the traces between
the filter and the ADC. If you are sensitive to close-in phase
noise, the power supply for oscillators and any buffers
must be very stable, or propagation delay variation with
supply will translate into phase noise. Even though these
clock sources may be regarded as digital devices, do not
operate them on a digital supply. If your clock is also used
to drive digital devices such as an FPGA, you should locate
the oscillator, and any clock fan-out devices close to the
ADC, and give the routing to the ADC precedence. The
clock signals to the FPGA should have series termination
at the driver to prevent high frequency noise from the
FPGA disturbing the substrate of the clock fan-out device.
If you use an FPGA as a programmable divider, you must
re-time the signal using the original oscillator, and the re-
timing flip-flop as well as the oscillator should be close to
the ADC, and powered with a very quiet supply.
For cases where there are multiple ADCs, or where the
clock source originates some distance away, differential
clock distribution is advisable. This is advisable both from
the perspective of EMI, but also to avoid receiving noise
from digital sources both radiated, as well as propagated
in the waveguides that exist between the layers of multi-
layer PCBs. The differential pairs must be close together
and distanced from other signals. The differential pair
should be guarded on both sides with copper distanced at
least 3x the distance between the traces, and grounded
with vias no more than 1/4 inch apart.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com