Electronic Components Datasheet Search
  English  ▼

X  

LTC2295 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2295
Description  Dual 14-Bit, 10Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2295 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2295 Datasheet HTML 3Page - Linear Technology LTC2295 Datasheet HTML 4Page - Linear Technology LTC2295 Datasheet HTML 5Page - Linear Technology LTC2295 Datasheet HTML 6Page - Linear Technology LTC2295 Datasheet HTML 7Page - Linear Technology LTC2295 Datasheet HTML 8Page - Linear Technology LTC2295 Datasheet HTML 9Page - Linear Technology LTC2295 Datasheet HTML 10Page - Linear Technology LTC2295 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2295
7
2295fa
TYPICAL PERFOR A CE CHARACTERISTICS
SNR vs Input Level, fIN = 5MHz,
2V Range
SFDR vs Input Level,
fIN = 5MHz, 2V Range
IVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB
IOVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB, OVDD = 1.8V
SNR and SFDR vs Sample Rate,
2V Range, fIN = 5MHz, –1dB
SAMPLE RATE (Msps)
0
60
70
80
90
100
SFDR
SNR
2468
2295 G10
10
12
14
INPUT LEVEL (dBFS)
–70
dBFS
dBc
–40
2295 G11
40
20
–60
–50
–30
10
0
80
70
60
50
30
–20
–10
0
INPUT LEVEL (dBFS)
–80
40
100
110
120
dBFS
dBc
–20
2295 G12
20
10
80
60
30
90
0
70
50
–60
–40
0
100dBc SFDR
REFERENCE LINE
SAMPLE RATE (Msps)
20
30
40
50
02468
2295 G13
10
12
14
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
0
0.2
0.6
0.8
1.0
2.0
1.4
4
8
10
2295 G14
0.4
1.6
1.8
1.2
2
6
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com