Electronic Components Datasheet Search
  English  ▼

X  

LTC2295 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2295
Description  Dual 14-Bit, 10Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2295 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2295 Datasheet HTML 2Page - Linear Technology LTC2295 Datasheet HTML 3Page - Linear Technology LTC2295 Datasheet HTML 4Page - Linear Technology LTC2295 Datasheet HTML 5Page - Linear Technology LTC2295 Datasheet HTML 6Page - Linear Technology LTC2295 Datasheet HTML 7Page - Linear Technology LTC2295 Datasheet HTML 8Page - Linear Technology LTC2295 Datasheet HTML 9Page - Linear Technology LTC2295 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2295
2295fa
6
8192 Point 2-Tone FFT, fIN = 4.3MHz
and 4.6MHz, –1dB, 2V Range
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT FREQUENCY (MHz)
0
–130
–125
–120
–115
–110
–105
–100
20
40
60
80
2295 G01
100
Typical INL, 2V Range
Typical DNL, 2V Range
8192 Point FFT, fIN = 5.1MHz,
–1dB, 2V Range
8192 Point FFT, fIN = 70.1MHz,
–1dB, 2V Range
Grounded Input Histogram
SFDR vs Input Frequency, –1dB,
2V Range
Crosstalk vs Input Frequency
SNR vs Input Frequency,
–1dB, 2V Range
CODE
0
–2.0
–1.0
–0.5
0
2.0
1.0
4096
8192
2295 G02
–1.5
1.5
0.5
12288
16384
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
2295 G03
–0.6
0.6
0.8
0.2
12288
16384
FREQUENCY (MHz)
0
–60
–40
–20
0
4
2295 G04
–80
–100
–70
–50
–30
–10
–90
–110
–120
1
2
3
5
FREQUENCY (MHz)
0
–60
–40
–20
0
4
2295 G05
–80
–100
–70
–50
–30
–10
–90
–110
–120
1
2
3
5
FREQUENCY (MHz)
0
–60
–40
–20
0
4
2295 G06
–80
–100
–70
–50
–30
–10
–90
–110
–120
1
2
3
5
CODE
25000
20000
15000
10000
5000
0
8182
8181
6919
22016
8186
8185
8184
13373
8183
2295 G07
8180
8179
43
853
278
3227
18803
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
75
72
20
40
50
2295 G08
67
73
74
71
10
30
60
70
INPUT FREQUENCY (MHz)
0
85
90
100
30
50
2295 G09
80
75
10
20
40
60
70
70
65
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com