Electronic Components Datasheet Search
  English  ▼

X  

LTC2295 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2295
Description  Dual 14-Bit, 10Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2295 Datasheet(HTML) 1 Page - Linear Technology

  LTC2295 Datasheet HTML 1Page - Linear Technology LTC2295 Datasheet HTML 2Page - Linear Technology LTC2295 Datasheet HTML 3Page - Linear Technology LTC2295 Datasheet HTML 4Page - Linear Technology LTC2295 Datasheet HTML 5Page - Linear Technology LTC2295 Datasheet HTML 6Page - Linear Technology LTC2295 Datasheet HTML 7Page - Linear Technology LTC2295 Datasheet HTML 8Page - Linear Technology LTC2295 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2295
1
2295fa
CODE
0
–2.0
–1.0
–0.5
0
2.0
1.0
4096
8192
2295 G02
–1.5
1.5
0.5
12288
16384
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
■ Integrated Dual 14-Bit ADCs
■ Sample Rate: 10Msps
■ Single 3V Supply (2.7V to 3.4V)
■ Low Power: 120mW
■ 74.4dB SNR
■ 90dB SFDR
■ 110dB Channel Isolation
■ Multiplexed or Separate Data Bus
■ Flexible Input: 1VP-P to 2VP-P Range
■ 575MHz Full Power Bandwidth S/H
■ Clock Duty Cycle Stabilizer
■ Shutdown and Nap Modes
■ Pin Compatible Family
105Msps: LTC2282 (12-Bit), LTC2284 (14-Bit)
80Msps: LTC2294 (12-Bit), LTC2299 (14-Bit)
65Msps: LTC2293 (12-Bit), LTC2298 (14-Bit)
40Msps: LTC2292 (12-Bit), LTC2297 (14-Bit)
25Msps: LTC2291 (12-Bit), LTC2296 (14-Bit)
10Msps: LTC2290 (12-Bit), LTC2295 (14-Bit)
■ 64-Pin (9mm
× 9mm) QFN Package
Dual 14-Bit, 10Msps
Low Power 3V ADC
The LTC
®2295 is a 14-bit 10Msps, low power dual 3V
A/D converter designed for digitizing high frequency, wide
dynamic range signals. The LTC2295 is perfect for
demanding imaging and communications applications
with AC performance that includes 74.4dB SNR and 90dB
SFDR for signals well beyond the Nyquist frequency.
DC specs include
±1.2LSB INL (typ), ±0.5LSB DNL (typ)
and no missing codes over temperature. The transition
noise is a low 1LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.6V
logic. An optional multiplexer allows both channels to
share a digital output bus.
A single-ended CLK input controls converter operation. An
optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
■ Wireless and Wired Broadband Communication
■ Imaging Systems
■ Spectral Analysis
■ Portable Instrumentation
Typical INL, 2V Range
–
+
INPUT
S/H
ANALOG
INPUT A
ANALOG
INPUT B
CLK A
CLK B
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
OUTPUT
DRIVERS
•
•
•
OVDD
OGND
MUX
D13A
D0A
•
•
•
OVDD
OGND
2295 TA01
D13B
D0B
–
+
OUTPUT
DRIVERS
INPUT
S/H
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL


Similar Part No. - LTC2295

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
Dual 14-Bit, 10Msps Low Power 3V ADC
More results

Similar Description - LTC2295

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2245 LINER-LTC2245 Datasheet
516Kb / 20P
14-Bit, 10Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2290 LINER-LTC2290 Datasheet
757Kb / 24P
Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
12-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
14-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com