Electronic Components Datasheet Search
  English  ▼

X  

LTC2483IDD Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2483IDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483IDD Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2483IDD Datasheet HTML 24Page - Linear Technology LTC2483IDD Datasheet HTML 25Page - Linear Technology LTC2483IDD Datasheet HTML 26Page - Linear Technology LTC2483IDD Datasheet HTML 27Page - Linear Technology LTC2483IDD Datasheet HTML 28Page - Linear Technology LTC2483IDD Datasheet HTML 29Page - Linear Technology LTC2483IDD Datasheet HTML 30Page - Linear Technology LTC2483IDD Datasheet HTML 31Page - Linear Technology LTC2483IDD Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
LTC2483
2483f
APPLICATIO S I FOR ATIO
/*
LTC248X.h
Processor setup and
Lots of useful defines for configuring the LTC2481, LTC2483, and LTC2485.
*/
#include <16F73.h>
// Device
#use delay(clock=6000000)
// 6MHz clock
//#fuses NOWDT,HS, PUT, NOPROTECT, NOBROWNOUT
// Configuration fuses
#rom 0x2007={0x3F3A} // Equivalent and more reliable fuse config.
#use I2C(master, sda=PIN_C5, scl=PIN_C3, SLOW)// Set up i2c port
#include “PCM73A.h”
// Various defines
#include “lcd.c”
// LCD driver functions
#define READ
0x01
// bitwise OR with address for read or write
#define WRITE
0x00
#define LTC248XADDR 0b01001000
// The one and only LTC248X in this circuit,
// with both address lines floating.
// Useful defines for the LTC2481 and LTC2485 - OR them together to make the
// 8 bit config word.
// These do NOT apply to the LTC2483.
// Select gain - 1 to 256 (also depends on speed setting)
// Does NOT apply to LTC2485.
#define GAIN1
0b00000000
// G = 1
(SPD = 0), G = 1
(SPD = 1)
#define GAIN2
0b00100000
// G = 4
(SPD = 0), G = 2
(SPD = 1)
#define GAIN3
0b01000000
// G = 8
(SPD = 0), G = 4
(SPD = 1)
#define GAIN4
0b01100000
// G = 16
(SPD = 0), G = 8
(SPD = 1)
#define GAIN5
0b10000000
// G = 32
(SPD = 0), G = 16
(SPD = 1)
#define GAIN6
0b10100000
// G = 64
(SPD = 0), G = 32
(SPD = 1)
#define GAIN7
0b11000000
// G = 128 (SPD = 0), G = 64
(SPD = 1)
#define GAIN8
0b11100000
// G = 256 (SPD = 0), G = 128 (SPD = 1)
// Select ADC source - differential input or PTAT circuit
#define VIN
0b00000000
#define PTAT
0b00001000
// Select rejection frequency - 50, 55, or 60Hz
#define R50
0b00000010
#define R55
0b00000000
#define R60
0b00000100
// Select speed mode
#define SLOW
0b00000000 // slow output rate with autozero
#define FAST
0b00000001 // fast output rate with no autozero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com