Electronic Components Datasheet Search
  English  ▼

X  

LTC2483IDD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2483IDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483IDD Datasheet(HTML) 3 Page - Linear Technology

  LTC2483IDD Datasheet HTML 1Page - Linear Technology LTC2483IDD Datasheet HTML 2Page - Linear Technology LTC2483IDD Datasheet HTML 3Page - Linear Technology LTC2483IDD Datasheet HTML 4Page - Linear Technology LTC2483IDD Datasheet HTML 5Page - Linear Technology LTC2483IDD Datasheet HTML 6Page - Linear Technology LTC2483IDD Datasheet HTML 7Page - Linear Technology LTC2483IDD Datasheet HTML 8Page - Linear Technology LTC2483IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC2483
2483f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
GND – 0.3V
VCC + 0.3V
V
IN–
Absolute/Common Mode IN– Voltage
GND – 0.3V
VCC + 0.3V
V
FS
Full Scale of the Differential Input (IN+ – IN–)
●
0.5VREF
V
LSB
Least Significant Bit of the Output Code
●
FS/216
VIN
Input Differential Voltage Range (IN+ – IN–)
●
–FS
+FS
V
VREF
Reference Voltage Range (REF+ – REF–)
●
0.1
VCC
V
CS (IN+)IN+ Sampling Capacitance
11
pF
CS (IN–)IN– Sampling Capacitance
11
pF
CS (VREF)VREF Sampling Capacitance
11
pF
IDC_LEAK (IN+)IN+ DC Leakage Current
Sleep Mode, IN+ = GND
●
–10
1
10
nA
IDC_LEAK (IN–)IN– DC Leakage Current
Sleep Mode, IN– = GND
●
–10
1
10
nA
IDC_LEAK (VREF)REF+, REF– DC Leakage Current
Sleep Mode, VREF = VCC
●
–100
1
100
nA
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common Mode Rejection DC
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
●
140
dB
Input Common Mode Rejection
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
●
140
dB
50Hz
±2%
Input Common Mode Rejection
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
●
140
dB
60Hz
±2%
Input Normal Mode Rejection
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Notes 5, 7)
●
110
120
dB
50Hz
±2%
Input Normal Mode Rejection
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Notes 5, 8)
●
110
120
dB
60Hz
±2%
Input Normal Mode Rejection
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Notes 5, 9)
●
87
dB
50Hz/60Hz
±2%
Reference Common Mode
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
●
120
140
dB
Rejection DC
Power Supply Rejection DC
VREF = 2.5V, IN
– = IN+ = GND
120
dB
Power Supply Rejection, 50Hz
±2%
VREF = 2.5V, IN
– = IN+ = GND (Notes 7, 9)
120
dB
Power Supply Rejection, 60Hz
±2%
VREF = 2.5V, IN
– = IN+ = GND (Notes 8, 9)
120
dB
CO VERTER CHARACTERISTICS
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
A ALOG I PUT A D REFERE CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com