Electronic Components Datasheet Search
  English  ▼

X  

LTC2483IDD Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2483IDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483IDD Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2483IDD Datasheet HTML 24Page - Linear Technology LTC2483IDD Datasheet HTML 25Page - Linear Technology LTC2483IDD Datasheet HTML 26Page - Linear Technology LTC2483IDD Datasheet HTML 27Page - Linear Technology LTC2483IDD Datasheet HTML 28Page - Linear Technology LTC2483IDD Datasheet HTML 29Page - Linear Technology LTC2483IDD Datasheet HTML 30Page - Linear Technology LTC2483IDD Datasheet HTML 31Page - Linear Technology LTC2483IDD Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
LTC2483
2483f
union
// adc_code.bits32
all 32 bits
{
// adc_code.by.te0
byte 0
signed int32 bits32;
// adc_code.by.te1
byte 1
struct fourbytes by;
// adc_code.by.te2
byte 2
} adc_code;
// adc_code.by.te3
byte 3
// Start communication with LTC2483:
i2c_start();
if(i2c_write(addr | READ))// If no acknowledge, return zero
{
i2c_stop();
return 0;
}
adc_code.by.te3 = i2c_read();
adc_code.by.te2 = i2c_read();
adc_code.by.te1 = i2c_read();
adc_code.by.te0 = 0;
i2c_stop();
return adc_code.bits32;
} // End of read_LTC2483()
/*** initialize() **************************************************************
Basic hardware initialization of controller and LCD, send Hello message to LCD
*******************************************************************************/
void initialize(void)
{
// General initialization stuff.
setup_adc_ports(NO_ANALOGS);
setup_adc(ADC_OFF);
setup_counters(RTCC_INTERNAL,RTCC_DIV_1);
setup_timer_1(T1_DISABLED);
setup_timer_2(T2_DISABLED,0,1);
// This is the important part - configuring the SPI port
setup_spi(SPI_MASTER|SPI_L_TO_H|SPI_CLK_DIV_16|SPI_SS_DISABLED); // fast SPI clock
CKP = 0; // Set up clock edges - clock idles low, data changes on
CKE = 1; // falling edges, valid on rising edges.
lcd_init();
// Initialize LCD
delay_ms(6);
printf(lcd_putc, “Hello!”);
// Obligatory hello message
delay_ms(500);
// for half a second
} // End of initialize()
/*** main() ********************************************************************
Main program initializes microcontroller registers, then reads the LTC2483
repeatedly
*******************************************************************************/
void main()
{
signed int32 x;
// Integer result from LTC2481
float voltage;
// Variable for floating point math
int16 timeout;
initialize();
// Hardware initialization
while(1)
{
delay_ms(1);
// Pace the main loop to something more than 1 ms
// This is a basic error detection scheme. The LTC2483 will never take more than
// 149.9ms to complete a conversion in the 55Hz
// rejection mode.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com