Electronic Components Datasheet Search
  English  ▼

X  

LTC2498 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2498
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2498 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2498 Datasheet HTML 3Page - Linear Technology LTC2498 Datasheet HTML 4Page - Linear Technology LTC2498 Datasheet HTML 5Page - Linear Technology LTC2498 Datasheet HTML 6Page - Linear Technology LTC2498 Datasheet HTML 7Page - Linear Technology LTC2498 Datasheet HTML 8Page - Linear Technology LTC2498 Datasheet HTML 9Page - Linear Technology LTC2498 Datasheet HTML 10Page - Linear Technology LTC2498 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC2498
7
2498fc
TYPICAL PERFORMANCE CHARACTERISTICS
RMS Noise
vs Input Differential Voltage
RMS Noise vs VIN(CM)
RMS Noise vs Temperature (TA)
RMS Noise vs VCC
RMS Noise vs VREF
Offset Error vs VIN(CM)
Offset Error vs Temperature
Offset Error vs VCC
Offset Error vs VREF
INPUT DIFFERENTIAL VOLTAGE (V)
0.4
0.6
0.8
1.0
0.5
0.7
0.9
–1.5
–0.5
0.5
1.5
2498 G10
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
VIN(CM) (V)
–1
0.8
0.9
1.0
24
2498 G11
0.7
0.6
01
35
6
0.5
0.4
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
TEMPERATURE (°C)
–45
0.4
0.5
0.6
0.7
0.8
1.0
–30 –15
15
0
304560
2498 G12
75
90
0.9
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
VCC (V)
2.7
0.8
0.9
1.0
3.9
4.7
2498 G13
0.7
0.6
3.1
3.5
4.3
5.1
5.5
0.5
0.4
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
VREF (V)
0
0.4
0.5
0.6
0.7
0.8
0.9
1.0
123
4
2498 G14
5
VCC = 5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
VIN(CM) (V)
–1
0.1
0.2
0.3
24
2498 G15
0
–0.1
01
35
6
–0.2
–0.3
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
TEMPERATURE (°C)
–45
–0.3
–0.2
0
0.1
0.2
–15
15
30
90
2498 G16
–0.1
–30
0
45
60
75
0.3
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
FO = GND
VCC (V)
2.7
0.1
0.2
0.3
3.9
4.7
2498 G17
0
–0.1
3.1
3.5
4.3
5.1
5.5
–0.2
–0.3
REF+ = 2.5V
REF– = GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
VREF (V)
0
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
123
4
2498 G18
5
VCC = 5V
REF– = GND
VIN = 0V
VIN(CM) = GND
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com