Electronic Components Datasheet Search
  English  ▼

X  

LTC2498 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2498
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2498 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2498 Datasheet HTML 28Page - Linear Technology LTC2498 Datasheet HTML 29Page - Linear Technology LTC2498 Datasheet HTML 30Page - Linear Technology LTC2498 Datasheet HTML 31Page - Linear Technology LTC2498 Datasheet HTML 32Page - Linear Technology LTC2498 Datasheet HTML 33Page - Linear Technology LTC2498 Datasheet HTML 34Page - Linear Technology LTC2498 Datasheet HTML 35Page - Linear Technology LTC2498 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC2498
32
2498fc
APPLICATIONS INFORMATION
noise. Figures 26 and 27 show measurement results for
the rejection of a 7.5V peak-to-peak noise source (150%
of full scale) applied to the LTC2498. From these curves,
it is shown that the rejection performance is maintained
even in extremely noisy environments.
Using the 2x speed mode of the LTC2498 alters the rejec-
tion characteristics around DC and multiples of fS. The
device bypasses the offset calibration in order to increase
the output rate. The resulting rejection plots are shown
in Figures 28 and 29. 1x type frequency rejection can be
achieved using the 2x mode by performing a running
average of the conversion results, see Figure 30.
Output Data Rate
When using its internal oscillator, the LTC2498 produces up
to 7.5 samples per second (sps) with a notch frequency of
60Hz. The actual output data rate depends upon the length
of the sleep and data output cycles which are controlled
by the user and can be made insignificantly short. When
operating with an external conversion clock (FO connected
to an external oscillator), the LTC2498 output data rate
can be increased. The duration of the conversion cycle is
41036/fEOSC. If fEOSC = 307.2kHz, the converter behaves
as if the internal oscillator is used.
An increase in fEOSCoverthenominal307.2kHzwilltranslate
into a proportional increase in the maximum output data
rate (up to a maximum of 100sps). The increase in output
rate leads to degradation in offset, full-scale error, and ef-
fective resolution as well as a shift in frequency rejection.
When using the integrated temperature sensor, the internal
oscillator should be used (fO = 0) or an external oscillator
applied to fO, fEOSC, should be set to 307.2kHz Max.
A change in fEOSC results in a proportional change in the
internal notch position. This leads to reduced differential
Figure 26. Measure Input Normal Mode Rejection vs Input
Frequency with Input Perturbation of 150% (60Hz Notch)
Figure 27. Measure Input Normal Mode Rejection vs Input
Frequency With input Perturbation of 150% (50Hz Notch)
Figure 28. Input Normal Mode Rejection 2x Speed Mode
Figure 29. Input Normal Mode Rejection 2x Speed Mode
INPUT FREQUENCY (Hz)
0
15
30
45
60
75
90
105 120 135 150 165 180 195 210 225 240
2498 F26
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
INPUT FREQUENCY (Hz)
0
2498 F27
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
12.5
25
37.5
50
62.5
75
87.5 100 112.5 125 137.5 150 162.5 175 187.5 200
INPUT SIGNAL FREQUENCY (fN)
2498 F28
0
–20
–40
–60
–80
–100
–120
0
fN
2fN 3fN 4fN 5fN 6fN 7fN 8fN
INPUT SIGNAL FREQUENCY (fN)
2498 F29
0
–20
–40
–60
–80
–100
–120
250
248
252 254 256 258 260 262 264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com