Electronic Components Datasheet Search
  English  ▼

X  

LTC2498 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2498
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2498 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2498 Datasheet HTML 10Page - Linear Technology LTC2498 Datasheet HTML 11Page - Linear Technology LTC2498 Datasheet HTML 12Page - Linear Technology LTC2498 Datasheet HTML 13Page - Linear Technology LTC2498 Datasheet HTML 14Page - Linear Technology LTC2498 Datasheet HTML 15Page - Linear Technology LTC2498 Datasheet HTML 16Page - Linear Technology LTC2498 Datasheet HTML 17Page - Linear Technology LTC2498 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC2498
14
2498fc
APPLICATIONS INFORMATION
transparently removes the differential input current. This
enables external RC networks and high impedance sen-
sors to directly interface to the LTC2498 without external
amplifiers. The remaining common mode input current
is eliminated by either balancing the differential input
impedances or setting the common mode input equal to
the common mode reference (see Automatic Differential
Input Current Cancellation Section). This unique archi-
tecture does not require on-chip buffers thereby enabling
signals to swing beyond ground or up to VCC. Moreover, the
cancellation does not interfere with the transparent offset
and full-scale auto-calibration and the absolute accuracy
(full scale + offset + linearity + drift) is maintained even
with external RC networks.
Power-Up Sequence
The LTC2498 automatically enters an internal reset state
when the power supply voltage VCC drops below ap-
proximately 2V. This feature guarantees the integrity of
the conversion result, input channel selection, and serial
clock mode.
When VCC rises above this threshold, the converter creates
an internal power-on-reset (POR) signal with a duration
of approximately 4ms. The POR signal clears all internal
registers. The conversion immediately following a POR
cycle is performed on the input channel IN+ = CH0, IN– =
CH1, simultaneous 50Hz/60Hz rejection and 1x output
rate. The first conversion following a POR cycle is accurate
within the specification of the device if the power supply
voltage is restored to (2.7V to 5.5V) before the end of the
POR interval. A new input channel, rejection mode, speed
mode, or temperature selection can be programmed into
the device during this first data input/output cycle.
Reference Voltage Range
This converter accepts a truly differential external reference
voltage. The absolute/common mode voltage range for
REF+ and REF– pins covers the entire operating range of
the device (GND to VCC). For correct converter operation,
VREF must be positive (REF+ > REF–)
The LTC2498 differential reference input range is 0.1V to
VCC. For the simplest operation, REF+ can be shorted to
VCC and REF– can be shorted to GND. The converter out-
put noise is determined by the thermal noise of the front
end circuits, and as such, its value in nano volts is nearly
constant with reference voltage. A decrease in reference
voltage will not significantly improve the converter’s effec-
tive resolution. On the other hand, a decreased reference
will improve the converter’s overall INL performance.
Input Voltage Range
The analog input is truly differential with an absolute, com-
mon mode range for CH0 to CH15 and COM input pins
extending from GND – 0.3V to VCC + 0.3V. Outside these
limits, the ESD projection devices begin to turn on and the
errors due to input leakage current increase rapidly. Within
these limits, the LTC2498 converts the bipolar differential
input signal VIN = IN+ + IN– (where IN+ and IN– are the
selected input channels), from –FS = –0.5 • VREF to +FS =
0.5 • VREF where VREF = REF+ – REF–. Outside this range,
the converter indicates the overrange or the underrange
condition using distinct output codes.
Signals applied to the input (CH0 to CH15, COM) may
extend 300mV below ground and above VCC. In order to
limit any fault current, resistors of up to 5k may be added
in series with the input. The effect of series resistance on
the converter accuracy can be evaluated from the curves
presented in the Input Current/Reference Current sections.
In addition, series resistors will introduce a temperature
dependent error due to input leakage current. A 1nA
input leakage current will develop a 1ppm offset error
on a 5k resistor if VREF = 5V. This error has a very strong
temperature dependency.
MUXOUT/ADCIN
The output of the multiplexer (MUXOUT) and the input
to the ADC (ADCIN) can be used to perform input signal
conditioning on any of the selected input channels or sim-
ply shorted together for direct digitization. If an external
amplifier is used, the LTC2498 automatically calibrates
both the offset and drift of this circuit and the Easy Drive
sampling scheme enables a wide variety of amplifiers to
be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com