Electronic Components Datasheet Search
  English  ▼

X  

LTC2499 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2499
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2499 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2499 Datasheet HTML 3Page - Linear Technology LTC2499 Datasheet HTML 4Page - Linear Technology LTC2499 Datasheet HTML 5Page - Linear Technology LTC2499 Datasheet HTML 6Page - Linear Technology LTC2499 Datasheet HTML 7Page - Linear Technology LTC2499 Datasheet HTML 8Page - Linear Technology LTC2499 Datasheet HTML 9Page - Linear Technology LTC2499 Datasheet HTML 10Page - Linear Technology LTC2499 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2499
7
2499fb
TYPICAL PERFORMANCE CHARACTERISTICS
RMS Noise
vs Input Differential Voltage
RMS Noise vs VIN(CM)
RMS Noise vs Temperature (TA)
RMS Noise vs VCC
RMS Noise vs VREF
Offset Error vs VIN(CM)
Offset Error vs Temperature
Offset Error vs VCC
Offset Error vs VREF
INPUT DIFFERENTIAL VOLTAGE (V)
0.4
0.6
0.8
1.0
0.5
0.7
0.9
–1.5
–0.5
0.5
1.5
2499 G10
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
FO = GND
VIN(CM) (V)
–1
0.8
0.9
1.0
24
2499 G11
0.7
0.6
01
35
6
0.5
0.4
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
FO = GND
TEMPERATURE (°C)
–45
0.4
0.5
0.6
0.7
0.8
1.0
–30 –15
15
030
45
60
2499 G12
75
90
0.9
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
FO = GND
VCC (V)
2.7
0.8
0.9
1.0
3.9
4.7
2499 G13
0.7
0.6
3.1
3.5
4.3
5.1
5.5
0.5
0.4
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
VREF (V)
0
0.4
0.5
0.6
0.7
0.8
0.9
1.0
123
4
2499 G14
5
VCC = 5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
VIN(CM) (V)
–1
0.1
0.2
0.3
24
2499 G15
0
–0.1
01
35
6
–0.2
–0.3
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
FO = GND
TEMPERATURE (°C)
–45
–0.3
–0.2
0
0.1
0.2
–15
15
30
90
2499 G16
–0.1
–30
0
45
60
75
0.3
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
FO = GND
VCC (V)
2.7
0.1
0.2
0.3
3.9
4.7
2499 G17
0
–0.1
3.1
3.5
4.3
5.1
5.5
–0.2
–0.3
REF+ = 2.5V
REF– = GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
VREF (V)
0
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
123
4
2499 G18
5
VCC = 5V
REF– = GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com