Electronic Components Datasheet Search
  English  ▼

X  

LTC2499 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2499
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2499 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2499 Datasheet HTML 24Page - Linear Technology LTC2499 Datasheet HTML 25Page - Linear Technology LTC2499 Datasheet HTML 26Page - Linear Technology LTC2499 Datasheet HTML 27Page - Linear Technology LTC2499 Datasheet HTML 28Page - Linear Technology LTC2499 Datasheet HTML 29Page - Linear Technology LTC2499 Datasheet HTML 30Page - Linear Technology LTC2499 Datasheet HTML 31Page - Linear Technology LTC2499 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2499
32
2499fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 1008 REV B • PRINTED IN USA
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max Initial Accuracy, 5ppm/°C Drift
LT1460
Micropower Series Reference
0.075% Max Initial Accuracy, 10ppm/°C Max Drift
LT1790
Micropower SOT-23 Low Dropout Reference Family
0.05% Max Initial Accuracy, 10ppm/°C Max Drift
LTC2400
24-Bit, No Latency
ΔΣ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200μA
LTC2410
24-Bit, No Latency
ΔΣ ADC with Differential Inputs
0.8μVRMS Noise, 2ppm INL
LTC2411/
LTC2411-1
24-Bit, No Latency
ΔΣ ADCs with Differential Inputs in MSOP
1.45μVRMS Noise, 4ppm INL, Simultaneous 50Hz/60Hz
Rejection (LTC2411-1)
LTC2413
24-Bit, No Latency
ΔΣ ADC with Differential Inputs
Simultaneous 50Hz/60Hz Rejection, 800nVRMS Noise
LTC2440
24-Bit, High Speed, Low Noise
ΔΣ ADC
3.5kHz Output Rate, 200nV Noise, 24.6 ENOBs
LTC2442
24-Bit, High Speed, 2-/4-Channel
ΔΣ ADC with Integrated
Amplifier
8kHz Output Rate, 200nV Noise, Simultaneous 50Hz/60Hz
Rejection
LTC2449
24-Bit, High Speed, 8-/16-Channel
ΔΣ ADC
8kHz Output Rate, 200nV Noise, Simultaneous 50Hz/60Hz
Rejection
LTC2480/LTC2482/
LTC2484
16-Bit/24-Bit
ΔΣ ADCs with Easy Drive Inputs, 600nV Noise,
Programmable Gain, and Temperature Sensor
Pin Compatible with 16-Bit and 24-Bit Versions
LTC2481/LTC2483/
LTC2485
16-Bit/24-Bit
ΔΣ ADCs with Easy Drive Inputs, 600nV Noise,
I2C Interface, Programmable Gain, and Temperature Sensor
Pin Compatible with 16-Bit and 24-Bit Versions
LTC2496
16-Bit 8-/16-Channel
ΔΣ ADC with Easy Drive Inputs and
SPI Interface
Pin-Compatible with LTC2498/LTC2449
LTC2497
16-Bit 8-/16-Channel
ΔΣ ADC with Easy Drive Inputs and
I2C Interface
Pin-Compatible with LTC2499
LTC2498
24-Bit 8-/16-Channel
ΔΣ ADC with Easy Drive Inputs and
SPI Interface, Temperature Sensor
Pin-Compatible with LTC2496/LTC2449
External Buffers Provide High Impedance Inputs and
Amplifier Offsets are Automatically Cancelled
–
+
–
+
1/2 LTC6078
1/2 LTC6078
1
2
3
5
6
7
ΔΣ ADC
WITH
EASY DRIVE
INPUTS
INPUT
MUX
17
LTC2499
ANALOG
INPUTS
SCL
SDA
1k
1k
0.1μF
0.1μF
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com