Electronic Components Datasheet Search
  English  ▼

X  

LTC2499 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2499
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2499 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2499 Datasheet HTML 14Page - Linear Technology LTC2499 Datasheet HTML 15Page - Linear Technology LTC2499 Datasheet HTML 16Page - Linear Technology LTC2499 Datasheet HTML 17Page - Linear Technology LTC2499 Datasheet HTML 18Page - Linear Technology LTC2499 Datasheet HTML 19Page - Linear Technology LTC2499 Datasheet HTML 20Page - Linear Technology LTC2499 Datasheet HTML 21Page - Linear Technology LTC2499 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC2499
18
2499fb
The first bit of the second word is the enable bit for the
conversion configuration (EN2). If this bit is set to 0, then
the next conversion is performed using the previously
selected converter configuration.
A new configuration can be loaded into the device by
setting EN2 = 1 (see Table 4). The first bit (IM) is used
to select the internal temperature sensor. If IM = 1, the
following conversion will be performed on the internal
temperature sensor rather than the selected input channel.
The next two bits (FA and FB) are used to set the rejection
frequency. The final bit (SPD) is used to select either the
1x output rate if SPD = 0 (auto-calibration is enabled and
the offset is continuously calibrated and removed from
the final conversion result) or the 2x output rate if SPD
= 1 (offset calibration disabled, multiplexing output rates
up to 15Hz with no latency). When IM = 1 (temperature
measurement) SPD will be ignored and the device will
operate in 1x mode.
The configuration remains valid until a new input word with
EN = 1 (the first three bits are 101 for the first word) and EN2
= 1 (for the second write byte) is shifted into the device.
Rejection Mode (FA, FB)
The LTC2499 includes a high accuracy on-chip oscillator
with no required external components. Coupled with an
integrated fourth order digital low pass filter, the LTC2499
rejects line frequency noise. In the default mode, the
LTC2499 simultaneously rejects 50Hz and 60Hz by at least
87dB. If more rejection is required, the LTC2499 can be
configured to reject 50Hz or 60Hz to better than 110dB.
Table 4. Converter Configuration
1
0
EN
SGL
ODD
A2
A1
A0
EN2
IM
FA
FB
SPD
CONVERTER CONFIGURATION
1
0
0
XXXXXXXXXX
Keep Previous
1
0
1
XXXXX
0
XXXX
Keep Previous
0
0
1
XXXXXXXXXX
Keep Previous
1
0
1
XXXXX
10000
External Input (See Table 3)
50Hz/60Hz Rejection, 1x
1
0
1
XXXXX
10010
External Input (See Table 3)
50Hz Rejection, 1x
1
0
1
XXXXX
10100
External Input (See Table 3)
60Hz Rejection, 1x
1
0
1
XXXXX
10001
External Input (See Table 3)
50Hz/60Hz Rejection, 2x
1
0
1
XXXXX
10011
External Input (See Table 3)
50Hz Rejection, 2x
1
0
1
XXXXX
10101
External Input (See Table 3)
60Hz Rejection, 2x
1
0
1
XXXXX
1100
X
Measure Temperature
50Hz/60Hz Rejection, 1x
1
0
1
XXXXX
1101
X
Measure Temperature
50Hz Rejection, 1x
1
0
1
XXXXX
1110
X
Measure Temperature
60Hz Rejection, 1x
1
0
1
XXXXX
1
X
1
1
X
Reserved, Do Not Use
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com