Electronic Components Datasheet Search
  English  ▼

X  

LTC2631 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2631
Description  Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2631 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2631 Datasheet HTML 9Page - Linear Technology LTC2631 Datasheet HTML 10Page - Linear Technology LTC2631 Datasheet HTML 11Page - Linear Technology LTC2631 Datasheet HTML 12Page - Linear Technology LTC2631 Datasheet HTML 13Page - Linear Technology LTC2631 Datasheet HTML 14Page - Linear Technology LTC2631 Datasheet HTML 15Page - Linear Technology LTC2631 Datasheet HTML 16Page - Linear Technology LTC2631 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC2631
13
2631fb
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Reference Output Voltage
vs Temperature
DNL vs Temperature
Full-Scale Output Voltage
vs Temperature
Settling to ±1LSB
Settling to ±1LSB
LTC2631-H12 (Internal Reference, VFS = 4.096V)
INL vs Temperature
TEMPERATURE (°C)
–50 –25
25
75
125
0
0.5
150
2631 G12
–0.5
–1.0
0
50
100
1.0
VCC = 5V
INL (POS)
INL (NEG)
TEMPERATURE (°C)
–50 –25
25
75
125
0
0.5
150
2631 G13
–0.5
–1.0
0
50
100
1.0
VCC = 5V
DNL (POS)
DNL (NEG)
TEMPERATURE (°C)
–50 –25
25
75
125
4.095
4.105
150
2631 G14
4.085
4.075
0
50
100
4.115
VCC = 5V
CODE
0
0
0.5
4095
2631 G09
–0.5
–1.0
1024
2048
3072
1.0
VCC = 5V
CODE
0
0
0.5
4095
2631 G10
–0.5
–1.0
1024
2048
3072
1.0
VCC = 5V
TEMPERATURE (°C)
–50 –25
25
75
125
2.048
2.058
150
2631 G11
2.038
2.028
0
50
100
2.068
VCC = 5V
2μs/DIV
2631 G15
VOUT
1LSB/DIV
1/4 SCALE TO 3/4 SCALE STEP
VCC = 5V, VFS = 4.095V
RL = 2k, CL = 100pF
AVERAGE OF 256 EVENTS
SCL
5V/DIV
3.9μs
9th CLOCK OF
3rd DATA BYTE
2μs/DIV
2631 G16
VOUT
1LSB/DIV
SCL
5V/DIV
4.6μs
3/4 SCALE TO 1/4 SCALE STEP
VCC = 5V, VFS = 4.095V
RL = 2k, CL = 100pF
AVERAGE OF 256 EVENTS
9th CLOCK OF
3rd DATA BYTE
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com