Electronic Components Datasheet Search
  English  ▼

X  

LTC2631 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2631
Description  Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2631 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2631 Datasheet HTML 2Page - Linear Technology LTC2631 Datasheet HTML 3Page - Linear Technology LTC2631 Datasheet HTML 4Page - Linear Technology LTC2631 Datasheet HTML 5Page - Linear Technology LTC2631 Datasheet HTML 6Page - Linear Technology LTC2631 Datasheet HTML 7Page - Linear Technology LTC2631 Datasheet HTML 8Page - Linear Technology LTC2631 Datasheet HTML 9Page - Linear Technology LTC2631 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2631
6
2631fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2631-LM12/-LM10/-LM8/-LZ12/-LZ10/-LZ8, LTC2631A-LM12/-LZ12 (VFS = 2.5V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input
Input Voltage Range
l
0VCC
V
Resistance
l
160
190
220
kΩ
Capacitance
7.5
pF
IREF
Reference Current, Power-Down Mode
DAC Powered Down
l
0.005
0.1
μA
Reference Output
Output Voltage
l
1.240
1.250
1.260
V
Reference Temperature Coefficient
±10
ppm/°C
Output Impedance
0.5
kΩ
Capacitive Load Driving
10
μF
Short-Circuit Current
VCC = 5.5V; REF Shorted to GND
2.5
mA
Digital I/O
VIL
Low Level Input Voltage (SDA and SCL)
(Note 14)
l
–0.5
0.3VCC
V
VIH
High Level Input Voltage (SDA and SCL) (Note 11)
l
0.7VCC
V
VIL(CAn)
Low Level Input Voltage on CA
n
(n = 0, 1)
See Test Circuit 1
l
0.15VCC
V
VIH(CAn)
High Level Input Voltage on CA
n
(n = 0, 1)
See Test Circuit 1
l
0.85VCC
V
RINH
Resistance from CA
n (n = 0, 1)
to VCC to Set CAn = VCC
See Test Circuit 2
l
10
kΩ
RINL
Resistance from CA
n (n = 0, 1)
to GND to Set CA
n = GND
See Test Circuit 2
l
10
kΩ
RINF
Resistance from CA
n (n = 0, 1)
to VCC or GND to Set CAn = Float
See Test Circuit 2
l
2MΩ
VOL
Low Level Output Voltage
Sink Current = 3mA
l
0
0.4
V
tOF
Output Fall Time
VO = VIH(MIN) to VO = VIL(MAX),
CB = 10pF to 400pF (Note 12)
l 20 + 0.1CB
250
ns
tSP
Pulse Width of Spikes Suppressed by
Input Filter
l
050
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ 0.9VCC
l
±1
μA
CIN
I/O Pin Capacitance
(Note 8)
l
10
pF
CB
Capacitive Load for Each Bus Line
l
400
pF
CCAn
External Capacitive Load on Address
Pin CA
n (n = 0, 1)
l
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com