Electronic Components Datasheet Search
  English  ▼

X  

LTC2631 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2631
Description  Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2631 Datasheet(HTML) 2 Page - Linear Technology

  LTC2631 Datasheet HTML 1Page - Linear Technology LTC2631 Datasheet HTML 2Page - Linear Technology LTC2631 Datasheet HTML 3Page - Linear Technology LTC2631 Datasheet HTML 4Page - Linear Technology LTC2631 Datasheet HTML 5Page - Linear Technology LTC2631 Datasheet HTML 6Page - Linear Technology LTC2631 Datasheet HTML 7Page - Linear Technology LTC2631 Datasheet HTML 8Page - Linear Technology LTC2631 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2631
2
2631fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ...................................–0.3V to 6V
REF_SEL, SCL, SDA..................................... –0.3V to 6V
VOUT, CA0, CA1, REF.........–0.3V to Min(VCC + 0.3V, 6V)
Operating Temperature Range
LTC2631C ................................................ 0°C to 70°C
LTC2631I.............................................. –40°C to 85°C
LTC2631H (Note 3) ............................ –40°C to 125°C
(Notes 1, 2)
CA0 1
SCL 2
SDA 3
GND 4
8 CA1
7 VOUT
6 REF
5 VCC
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C (NOTE 6), θJA = 195°C/W
CA0 1
SCL 2
SDA 3
GND 4
8 REF_SEL
7 VOUT
6 REF
5 VCC
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C (NOTE 6), θJA = 195°C/W
PIN CONFIGURATION
Maximum Junction Temperature........................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
LTC2631-Z
LTC2631-M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com