Electronic Components Datasheet Search
  English  ▼

X  

LTC2640 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2640
Description  Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2640 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2640 Datasheet HTML 9Page - Linear Technology LTC2640 Datasheet HTML 10Page - Linear Technology LTC2640 Datasheet HTML 11Page - Linear Technology LTC2640 Datasheet HTML 12Page - Linear Technology LTC2640 Datasheet HTML 13Page - Linear Technology LTC2640 Datasheet HTML 14Page - Linear Technology LTC2640 Datasheet HTML 15Page - Linear Technology LTC2640 Datasheet HTML 16Page - Linear Technology LTC2640 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2640
13
2640fb
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2640
Large-Signal Response
Mid-Scale-Glitch Impulse
Power-On Reset Glitch
Headroom at Rails
vs Output Current
Exiting Power-Down to Mid-Scale
Supply Current vs Logic Voltage
Hardware CLR
2μs/DIV
VOUT
0.5V/DIV
2640 G26
VFS = VCC = 5V
1/4 SCALE TO 3/4 SCALE
2μs/DIV
LTC2640-H12, VCC = 5V:
3.0nV-s TYP
LTC2640-L12, VCC = 3V:
2.1nV-s TYP
VOUT
5mV/DIV
2640 G27
CS/LD
5V/DIV
200μs/DIV
VCC
2V/DIV
2640 G28
LTC2640-L
VOUT
2mV/DIV
ZERO-SCALE
IOUT (mA)
0123456789
10
2.5
2.0
3.5
3.0
4.0
2640 G29
1.5
1.0
0.5
0
5.0
4.5
5V SOURCING
3V (LTC2640-L) SOURCING
3V (LTC2640-L) SINKING
5V SINKING
4μs/DIV
2640 G30
LTC2640-H
CS/LD
2V/DIV
VOUT
0.5V/DIV
LOGIC VOLTAGE (V)
0
1.4
1.2
0.8
0.4
1.0
0.6
0.2
0.0
4
2
2640 G31
5
3
1
VCC = 5V
VCC = 3V
(LTC2640-L)
SWEEP SCK, SDI, CS/LD
AND CLR BETWEEN
0V AND VCC
1μs/DIV
2640 G32
LTC2640-LZ
VOUT
1V/DIV
CLR
5V/DIV
Gain Error vs VCC
Gain Error vs Temperature
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
0.1
0.2
0.3
2640 G24
0.0
–0.3
–0.2
–0.1
–0.4
0.4
EXTERNAL REF.
VREF = 2.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125 150
0.1
0.2
0.3
2640 G25
0.0
–0.3
–0.2
–0.1
–0.4
0.4
EXTERNAL REF.
VREF = 2.5V
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com